Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC6178 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC6178
Description  1.0A Dual USB High-Side Power Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC6178 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

  AIC6178 Datasheet HTML 1Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 2Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 3Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 4Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 5Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 6Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 7Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 8Page - Analog Intergrations Corporation AIC6178 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AIC6178
9
PHYSICAL DIMENSIONS (unit: mm)
 SOP-8 PACKAGE OUTLINE DRAWING
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any circuitry other than
circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties that may result from its use. We
reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices or systems are
devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the
user.
L
VIEW B
SEATING PLANE
SECTION A-A
BASE METAL
GAUGE PLANE
WITH PLATING
B
D
e
AA
SEE VIEW B
Note: 1. Refer to JEDEC MS-012AA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side .
3. Dimension "E" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
h
θ
L
D
e
H
E
C
B
A1
0.50
0.25
0.40
1.27
1.27 BSC
4.80
5.80
3.80
0.33
0.19
0.10
5.00
6.20
4.00
0.51
0.25
0.25
S
Y
M
B
O
L
A
SOP-8
MILLIMETERS
1.35
MIN.
1.75
MAX.


Similar Part No. - AIC6178

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6176 AIC-AIC6176 Datasheet
221Kb / 9P
   High-Side Power Switch
More results

Similar Description - AIC6178

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6188 AIC-AIC6188 Datasheet
222Kb / 9P
   1.0A Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com