Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC6186 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC6186
Description  0.5A Dual USB High-Side Power Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC6186 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

  AIC6186 Datasheet HTML 1Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 2Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 3Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 4Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 5Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 6Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 7Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 8Page - Analog Intergrations Corporation AIC6186 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AIC6186
8
TYPICAL APPLICATION CIRCUIT
+
D+
D-
GND
VBUS
OVERCURRENT
IN
OUTA
GND
CTLA
FLGA
FLGB
CTLB OUTB
AIC6186
USB
GND
ON/OFF
4.50V to 5. 25V
Upst ream VBUS
100mA max
DATA
D+
D-
GND
VBUS
0. 01
F
100
F
*
+
DATA
0. 01
F
100
F
*
DATA
1
F
10K
10K
5.0V
VCC
Ferrit e
Bead
OVERCURRENT
VIN
D+
D-
GND
VBUS
AIC1722
OUT
IN
GND
+
1
F
CIN
10
F
COUT
+
33
F, 16V Tantalum, or
100
F, 10V Electrolytic
Bold line indicate high- current traces
ON/OFF
Two-Port Self-Powered Hub


Similar Part No. - AIC6186

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6188 AIC-AIC6188 Datasheet
222Kb / 9P
   1.0A Dual USB High-Side Power Switch
More results

Similar Description - AIC6186

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
   0.5A Dual Channel USB High-Side Power Switch
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com