Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10ELT22L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10ELT22L
Description  3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10ELT22L Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10ELT22L Datasheet HTML 1Page - Micrel Semiconductor SY10ELT22L Datasheet HTML 2Page - Micrel Semiconductor SY10ELT22L Datasheet HTML 3Page - Micrel Semiconductor SY10ELT22L Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
SY10ELT22L
SY100ELT22L
Micrel
8 LEAD SOIC .150" WIDE (Z8-1)
Rev. 03
MICREL-SYNERGY
3250 SCOTT BOULEVARD
SANTA CLARA
CA 95054
USA
TEL
+ 1 (408) 980-9191 FAX + 1 (408) 914-7878 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 2000 Micrel Incorporated


Similar Part No. - SY10ELT22L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT22L MICREL-SY10ELT22L Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L Datasheet
68Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZC MICREL-SY10ELT22LZC Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZC MICREL-SY10ELT22LZC Datasheet
68Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22LZCTR MICREL-SY10ELT22LZCTR Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY10ELT22L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_08 Datasheet
68Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com