Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100ELT21LZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100ELT21LZCTR
Description  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT21LZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100ELT21LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100ELT21LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100ELT21LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100ELT21LZCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin
Function
Q
TTL Output
D, /D
Differential LVPECL Inputs
V
CC
+3.3V Supply
V
BB
Reference Output
GND
Ground
DESCRIPTION
s 3.3V power supply
s 2.0ns typical propagation delay
s Low power
s Differential LVPECL inputs
s 24mA TTL outputs
s Flow-through pinouts
s Available in 8-pin SOIC package
The SY10/100ELT21L are single differential LVPECL-
to-LVTTL translators using a single +3.3V power supply.
Because LVPECL (Low Voltage Positive ECL) levels are
used, only +3.3V and ground are required. The small
outline 8-lead SOIC package and low skew single gate
design make the ELT21L ideal for applications that require
the translation of a clock or data signal where minimal
space, low power, and low cost are critical.
V
BB allows a differential, single-ended, or AC-coupled
interface to the device. If used, the V
BB output should be
bypassed to V
CC with 0.01µF capacitor.
Under open input conditions, the /D will be biased at a
V
CC/2 voltage level and the D input will be pulled to
ground. This condition will force the Q output low to
provide added stability.
The ELT21L is available in both ECL standards: the
10ELT is compatible with positive ECL 10H logic levels,
while the 100ELT is compatible with positive ECL 100K
logic levels.
FEATURES
3.3V DIFFERENTIAL
LVPECL-to-LVTTL
TRANSLATOR
PIN NAMES
PIN CONFIGURATION/BLOCK DIAGRAM
ClockWorks™
SY10ELT21L
SY100ELT21L
1
NC
D
D
VBB
8VCC
Q
NC
GND
7
6
5
2
3
4
PECL
TTL
1
Rev.: B
Amendment: /0
Issue Date:
April 2000


Similar Part No. - SY100ELT21LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT21LZCTR MICREL-SY100ELT21LZCTR Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100ELT21LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com