Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA152 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA152
Description  75-mW STEREO AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA152 Datasheet(HTML) 1 Page - Texas Instruments

  TPA152_15 Datasheet HTML 1Page - Texas Instruments TPA152_15 Datasheet HTML 2Page - Texas Instruments TPA152_15 Datasheet HTML 3Page - Texas Instruments TPA152_15 Datasheet HTML 4Page - Texas Instruments TPA152_15 Datasheet HTML 5Page - Texas Instruments TPA152_15 Datasheet HTML 6Page - Texas Instruments TPA152_15 Datasheet HTML 7Page - Texas Instruments TPA152_15 Datasheet HTML 8Page - Texas Instruments TPA152_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Fidelity Line-Out/HP Driver
D 75-mW Stereo Output
D PC Power Supply Compatible
D Pop Reduction Circuitry
D Internal Mid-Rail Generation
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
D Pin Compatible With TPA302
description
The TPA152 is a stereo audio power amplifier capable of less than 0.1% THD+N at 1 kHz when delivering
75 mW per channel into a 32-
Ω load. THD+N is less than 0.2% across the audio band of 20 to 20 kHz. For
10 k
Ω loads, the THD+N performance is better than 0.005% at 1 kHz, and less than 0.01% across the audio
band of 20 to 20 kHz.
The TPA152 is ideal for use as an output buffer for the audio CODEC in PC systems. It is also excellent for use
where a high-performance head phone/line-out amplifier is needed. Depop circuitry is integrated to reduce
transients during power up, power down, and mute mode.
Amplifier gain is externally configured by means of two resistors per input channel and does not require external
compensation for settings of 1 to 10. The TPA152 is packaged in the 8-pin SOIC (D) package that reduces board
space and facilitates automated assembly.
typical application circuit
Stereo
RL
RL
CC
CC
VO1
VO2
BYPASS
IN2–
IN1–
CB
RF
RF
RI
RI
CI
CI
R
L
Stereo Audio
Input
Mute
Control
From System
Control
CB
VDD
4
3
2
1
8
6
5
Depop
Circuitry
+
+
RC
RC
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
VO1
MUTE
BYPASS
IN2–
IN1–
GND
VDD
VO2
D PACKAGE
(TOP VIEW)


Similar Part No. - TPA152_15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA1524D TOPPOWER-TPA1524D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D-W25 TOPPOWER-TPA1524D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
Texas Instruments
TPA152D TI-TPA152D Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA152_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA152 TI-TPA152_06 Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152 Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com