Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA001346732 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA001346732
Description  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA001346732 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA001346732_15 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
PXAC180602MD V1 R500
Issued
17. April 2015
MA#
MA001346732
Package
PG-HB1DSO-4-1
Weight*
1662.56 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
3.928
0.24
0.24
2363
2363
leadframe
inorganic material
phosphorus
7723-14-0
0.054
0.00
33
non noble metal
zinc
7440-66-6
0.216
0.01
130
non noble metal
iron
7439-89-6
4.323
0.26
2600
non noble metal
copper
7440-50-8
175.547
10.56
10.83
105588
108351
wire
noble metal
gold
7440-57-5
10.271
0.62
0.62
6178
6178
encapsulation
organic material
carbon black
1333-86-4
1.804
0.11
1085
plastics
epoxy resin
-
70.347
4.23
42313
inorganic material
silicondioxide
60676-86-0
529.108
31.82
36.16
318248
361646
leadfinish
noble metal
palladium
7440-05-3
0.263
0.02
158
noble metal
gold
7440-57-5
0.230
0.01
139
non noble metal
nickel
7440-02-0
5.953
0.36
0.39
3581
3878
plating
noble metal
palladium
7440-05-3
0.359
0.02
216
noble metal
gold
7440-57-5
0.315
0.02
189
non noble metal
nickel
7440-02-0
8.140
0.49
0.53
4896
5301
heatspreader
non noble metal
iron
7439-89-6
0.852
0.05
512
inorganic material
phosphorus
7723-14-0
0.256
0.02
154
non noble metal
copper
7440-50-8
850.595
51.16
51.23
511617
512283
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA001346732_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA001346760 INFINEON-MA001346760 Datasheet
28Kb / 1P
   Material Content Data Sheet
28. June 2015
MA001346760 INFINEON-MA001346760_15 Datasheet
28Kb / 1P
   Material Content Data Sheet
28. June 2015
MA001346776 INFINEON-MA001346776 Datasheet
28Kb / 1P
   Material Content Data Sheet
28. June 2015
MA001346776 INFINEON-MA001346776_15 Datasheet
28Kb / 1P
   Material Content Data Sheet
28. June 2015
More results

Similar Description - MA001346732_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com