Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN1307 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IN1307
Description  Programmable rectangular output signal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN1307 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IN1307 Datasheet HTML 1Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 2Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 3Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 4Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 5Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 6Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 7Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 8Page - IK Semicon Co., Ltd IN1307 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TECHNICAL DATA
2013, December, Ver.04
CMOS IC OF REAL TIME WATCH
WITH SERIAL INTERFACE, 64
Х 8 RAM
FUNCTIONS AND FEATURES
 Count of seconds, minutes, hours, week days, date, months
and years with consideration of the leap years (before 2100);
 56 bytes of the power self-sufficient RAM for the data storage;
 Two-wire consecutive interface;
 Programmable rectangular output signal;
 Automatic determination of the supply voltage drop and the
switching diagram;
 Consumption of less than 500 nА in the back-up supply mode
with the operating generator;
 Temperature range of the industrial application: -40С – 85С
 Accuracy is better than ±1 minute per month
Ordering Information
Device
Operating
Temperature Range
Package
Packing
IN1307N
TA = -40°C ~+85°C
for all packages
DIP-8
Tube
IN1307DT
SOP-8
Tape& Reel
IN1307D
SOP-8
Tube
DESCRIPTION
IN1307 is essentially the binary
– decimal digital watch with a calendar, it has the additional
56 bytes of the power self-sufficient static RAM and possesses the low power consumption. The
addresses and data are applied consecutively via the two-wire bi-directional bus. The microcircuit
is intended for count of the real time in hours, minutes and seconds, count of week days, date,
month and year. The last day of the month is automatically adjusted for the months of less, than 31
days, including correction for the leap year. The watches function in the 24-hour format or in the
12-hour format with the AM / PM-indicator. IN1307 has the built-in power supply control circuit,
which determines the supply disruption and automatically switches over the device into the battery
mode.
PIN DISCRIPTION
Pin
Symbol
I/O
Pin Description
1
X1
In
Pin for connection of the quartz resonator
2
X2
In
Pin for connection of the quartz resonator
3
VBAT
In
Pin for battery
4
GND
In
Ground pin
5
SDA
Bi
Input / output of serial data
6
SCL
In
Input of the consecutive cycle signal
7
SQW/OUT
Out
Output of rectangular signal
8
VCC
In
Power supply pin
IN1307
SOP-8
DIP-8
TA = -40 to+ 85C
for all packages


Similar Part No. - IN1307

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN1363 IKSEMICON-IN1363 Datasheet
1Mb / 33P
   Programmed orthogonal output signal
More results

Similar Description - IN1307

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
   Programmable Mixed-signal Matrix
logo
Integrated Device Techn...
9FGU0231 IDT-9FGU0231 Datasheet
197Kb / 15P
   Programmable output amplitude
logo
Renesas Technology Corp
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
   Programmable Mixed Signal Matrix
March 9, 2023
logo
List of Unclassifed Man...
GP520A ETC-GP520A Datasheet
146Kb / 10P
   Programmable Analog Signal Processor
logo
Renesas Technology Corp
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
   Programmable Mixed Signal Array
March 10, 2023
logo
Integrated Device Techn...
9FGU0241 IDT-9FGU0241 Datasheet
205Kb / 15P
   Programmable output amplitude
logo
Texas Instruments
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Analog Devices
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com