Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INF8574 Datasheet(PDF) 11 Page - IK Semicon Co., Ltd

Part # INF8574
Description  Compatible with most microcontrollers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

INF8574 Datasheet(HTML) 11 Page - IK Semicon Co., Ltd

Back Button INF8574 Datasheet HTML 3Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 4Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 5Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 6Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 7Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 8Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 9Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 10Page - IK Semicon Co., Ltd INF8574 Datasheet HTML 11Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
INF8574
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M T
-T-
C
1
16
8
9
Rev. 00


Similar Part No. - INF8574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF8574 INTEGRAL-INF8574 Datasheet
254Kb / 10P
   silicon CMOS circuit
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
More results

Similar Description - INF8574

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN82C55 IKSEMICON-IN82C55 Datasheet
422Kb / 22P
   Compatible with all Intel and Most Other Microprocessors
logo
List of Unclassifed Man...
114992152 ETC-114992152 Datasheet
584Kb / 4P
   re_computer case: Most Compatible Enclosure for SBCs
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Mitsumi Electronics, Co...
ML-940 MITSUMI-ML-940 Datasheet
74Kb / 2P
   MOST Connectors
logo
XFMRS Inc.
XFMOST1B XFMRS-XFMOST1B Datasheet
89Kb / 1P
   MOST TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com