Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4006B Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IW4006B
Description  Operating Voltage Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4006B Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IW4006B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4006B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4006B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4006B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4006B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4006B Datasheet HTML 6Page - IK Semicon Co., Ltd IW4006B Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IW4006B
Rev. 00
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VDD +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP, SOIC
Package
500**
mW
Ptot
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
**Derating: - Plastic DIP from -55 to +100
°C
- SOIC Package from -55 to +65
°C
- Plastic DIP: - 12 mW/
°C from +100 to +125°C
- SOIC Package: : - 7 mW/
°C from +65 to +125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN
DC Input Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation VIN should be constrained to the range GND≤VIN ≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either Vss or VDD). Unused
outputs must be left open.


Similar Part No. - IW4006B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4001B IKSEMICON-IW4001B Datasheet
153Kb / 5P
   Operating Voltage Range
logo
Integral Corp.
IW4001BD INTEGRAL-IW4001BD Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
IW4001BN INTEGRAL-IW4001BN Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4002B ETC1-IW4002B Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4006B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4019B IKSEMICON-IW4019B Datasheet
180Kb / 5P
   Operating Voltage Range
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
   Operating Voltage Range
IW4017B IKSEMICON-IW4017B Datasheet
222Kb / 7P
   Operating Voltage Range
IW4013B IKSEMICON-IW4013B Datasheet
184Kb / 6P
   Operating Voltage Range
IN74HCT02A IKSEMICON-IN74HCT02A Datasheet
185Kb / 5P
   Operating Voltage Range
IW4001B IKSEMICON-IW4001B Datasheet
153Kb / 5P
   Operating Voltage Range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
New Japan Radio
NJM41030 NJRC-NJM41030 Datasheet
69Kb / 4P
   Operating Voltage Operating temperature range Small Package
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
   WIDE OPERATING VOLTAGE RANGE REGULATOR
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com