Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H641LC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10H641LC
Description  3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H641LC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10H641LC Datasheet HTML 1Page - Micrel Semiconductor SY10H641LC Datasheet HTML 2Page - Micrel Semiconductor SY10H641LC Datasheet HTML 3Page - Micrel Semiconductor SY10H641LC Datasheet HTML 4Page - Micrel Semiconductor SY10H641LC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
FEATURES
ClockWorks™
PRELIMINARY
SY10H641L
SY100H641L
s 3.3V power supply
s PECL-to-TTL version of popular ECLinPS E111
s Guaranteed low skew specification
s Latched input
s Differential ECL internal design
s VBB output for single-ended operation
s Reset/enable
s Extra TTL and ECL power/ground pins
s Choice of ECL compatibility: MECL 10KH (10Hxxx)
or 100K (100Hxxx)
s Available in 28-pin PLCC package
The SY10/100H641L are single supply, low skew
translating 1:9 clock drivers. Devices in the Micrel-
Synergy H600 translator series utilize the 28-lead PLCC
for optimal power pinning, signal flow-through and
electrical performance.
The devices feature a 24mA TTL output stage with
AC performance specified into a 20pF load capacitance.
A latch is provided on-chip. When LEN is LOW (or left
open, in which case it is pulled LOW by the internal pull-
downs), the latch is transparent. A HIGH on the enable
pin (/EN) forces all outputs LOW.
The 10H version is compatible with MECL 10KH ECL
logic levels. The 100H version is compatible with 100K
levels.
3.3V SINGLE SUPPLY
1:9 PECL-TO-TTL
18
17
16
15
14
13
12
56789
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
25 24 23 22 21 20 19
GT
Q5
VT
Q4
VT
Q3
GT
VBB
D
VE
LEN
GE
D
EN
PIN CONFIGURATION
BLOCK DIAGRAM
D
Q0
Q1
Q2
Q3
VBB
EN
D
Q4
Q5
Q6
Q7
Q8
LEN
DQ
PECL Input
TTL Outputs
Pin
Function
GT
TTL Ground (0V)
VT
TTL VCC (+3.0V)
VE
ECL VCC (+3.0V)
GE
ECL Ground (0V)
D, /D
Signal Input (PECL)
VBB
VBB Reference Output (PECL)
Q0 – Q8
Signal Outputs (TTL)
/EN
Enable Input (PECL)
LEN
Latch Enable Input (PECL)
PIN NAMES
1
Rev.: D
Amendment: /0
Issue Date:
May 2000


Similar Part No. - SY10H641LC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641L MICREL-SY10H641L Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJC MICREL-SY10H641LJC Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJCTR MICREL-SY10H641LJCTR Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJZ MICREL-SY10H641LJZ Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJZTR MICREL-SY10H641LJZTR Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
More results

Similar Description - SY10H641LC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com