Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4013B Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IW4013B
Description  Operating Voltage Range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4013B Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IW4013B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4013B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4013B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4013B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4013B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4013B Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IW4013B
V
V
CC
CC
0 V
0 V
90%
90%
50%
50%
10%
10%
tt
t
t
t
t
f
r
PLH
TLH
PHL
THL
t w
1/fmax
CLOCK
Q OR Q
SET OR
RESET
Q OR Q
Q OR Q
t
t
PLH
PHL
V
V
V
CC
CC
CC
0 V
0 V
0 V
50%
50%
50%
tw
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
50%
50%
t
V
V
CC
CC
0 V
0 V
t su
h
DATA
CLOCK
Figure 3. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/2 of the Device)
Rev. 00


Similar Part No. - IW4013B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4013B INTEGRAL-IW4013B Datasheet
177Kb / 5P
   Dual D Flip-Flop High-Voltage Silicon-Gate CMOS
logo
Estek Electronics Co. L...
IW4013B ESTEK-IW4013B Datasheet
120Kb / 5P
   consists of two identical, independent data-type flip-flops
logo
Integral Corp.
IW4013BD INTEGRAL-IW4013BD Datasheet
177Kb / 5P
   Dual D Flip-Flop High-Voltage Silicon-Gate CMOS
IW4013BN INTEGRAL-IW4013BN Datasheet
177Kb / 5P
   Dual D Flip-Flop High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4013B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4019B IKSEMICON-IW4019B Datasheet
180Kb / 5P
   Operating Voltage Range
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
   Operating Voltage Range
IW4017B IKSEMICON-IW4017B Datasheet
222Kb / 7P
   Operating Voltage Range
IN74HCT02A IKSEMICON-IN74HCT02A Datasheet
185Kb / 5P
   Operating Voltage Range
IW4001B IKSEMICON-IW4001B Datasheet
153Kb / 5P
   Operating Voltage Range
IW4006B IKSEMICON-IW4006B Datasheet
269Kb / 7P
   Operating Voltage Range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
New Japan Radio
NJM41030 NJRC-NJM41030 Datasheet
69Kb / 4P
   Operating Voltage Operating temperature range Small Package
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
   WIDE OPERATING VOLTAGE RANGE REGULATOR
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com