Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL2822M Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # KL2822M
Description  Low Crossover Distortion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

KL2822M Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  KL2822M Datasheet HTML 1Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 2Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 3Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 4Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 5Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 6Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 7Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 8Page - IK Semicon Co., Ltd KL2822M Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KL2822M
2014 April, Rev. 01
SCHEMATIC DIAGRAM
2
+Vs
Q6
D3
Q4
Q1
Q5
+Vs
OUT
D1
D4
D2
Q2
Q3
Q7
D5
Q8
R1
R2
С1
Q11
Q9
Q10
Q12
Q13
D6
4
GND
8
7
-
+
INPUT
6
5
-
+
INPUT
Q17
D7
Q18
Q19
Q24
D11
D10
Q15
Q14
Q16
R3
С2
R5
R5
R4
Q20
D8
+Vs
OUT
3
Q21
Q23
Q22
D9
I REE
Io
CONTROL
1
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
15
V
Io
Peak Output Current
1
A
Ptot
Total Power Dissipation at Tamb = 50ºC
at Tcase = 50ºC
1
1.4
W
W
Tstg, Tj
Storage and Junction Temperature
-40, +150
ºC


Similar Part No. - KL2822M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KL28ZXXX NXP-KL28ZXXX Datasheet
1Mb / 83P
   Kinetis KL28Zxxx with 512 KB Flash and 128 KB SRAM
Rev. 3, 09/2020
More results

Similar Description - KL2822M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LMX321 STMICROELECTRONICS-LMX321 Datasheet
1Mb / 25P
   No crossover distortion
May 2013 Rev 3
logo
Analog Devices
AD8236 AD-AD8236 Datasheet
514Kb / 20P
   40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
REV. 0
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
Analog Devices
AD8236 AD-AD8236_16 Datasheet
480Kb / 21P
   40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
   Low distortion
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
logo
Texas Instruments
TLV365-Q1 TI-TLV365-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
JUNE 2023
logo
Anaren Microwave
X0060L5050AHF ANAREN-X0060L5050AHF Datasheet
158Kb / 4P
   Ultra Low Profile 0603 RF Crossover
logo
M/A-COM Technology Solu...
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
   LOW INTERMODULATION DISTORTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com