Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL6270 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # KL6270
Description  Constant Output Signal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

KL6270 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  KL6270 Datasheet HTML 1Page - IK Semicon Co., Ltd KL6270 Datasheet HTML 2Page - IK Semicon Co., Ltd KL6270 Datasheet HTML 3Page - IK Semicon Co., Ltd KL6270 Datasheet HTML 4Page - IK Semicon Co., Ltd KL6270 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KL6270
N SUFFIX PLASTIC DIP
(MS – 001BA)
Symbol
MIN
MAX
A
8.51
10.16
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
10°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.8
5
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
1.27
5.72
Dimension, mm
Dimension, mm
2.54
7.62
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M T
-T-
1
8
4
5
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M T
-T-
C
1
8
4
5
Rev. 00


Similar Description - KL6270

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
logo
MicroPower Direct, LLC
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
logo
MicroPower Direct, LLC
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com