Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H842L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H842L
Description  3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H842L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H842L Datasheet HTML 1Page - Micrel Semiconductor SY10H842L Datasheet HTML 2Page - Micrel Semiconductor SY10H842L Datasheet HTML 3Page - Micrel Semiconductor SY10H842L Datasheet HTML 4Page - Micrel Semiconductor SY10H842L Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ClockWorks™
PRELIMINARY
SY10H842L
SY100H842L
Micrel
NOTES:
1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
3. Within-Device Skew considering LOW-to-LOW transitions at common VCC level.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.
10H ECL DC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage
2.130
2.460
2.170
2.490
2.240
2.580
V
VE = 3.3V
VIL
Input LOW Voltage
1.350
1.820
1.350
1.820
1.350
1.855
V
VE = 3.3V
VBB
Output Reference Voltage
1.920
2.030
1.950
2.050
1.990
2.111
V
VE = 3.3V
VT = VE = +3.0V to +3.6V
NOTE:
1. ECL VIH, VIL and VBB are referenced to VCCE and will vary 1:1 with the power supply. The levels shown are for IVT = IVO = VCCE = +3.3V.
100H ECL DC ELECTRICALCHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA—
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage
2.135
2.420
2.135
2.420
2.135
2.420
V
VE = 3.3V
VIL
Input LOW Voltage
1.490
1.825
1.490
1.825
1.490
1.825
V
VE = 3.3V
VBB
Output Reference Voltage
1.920
2.040
1.920
2.040
1.920
2.040
V
VE = 3.3V
VT = VE = +3.0V to +3.6V
NOTE:
1. ECL VIH, VIL and VBB are referenced to VCCE and will vary 1:1 with the power supply. The levels shown are for IVT = IVO = VCCE = +3.3V.
AC CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
Q0–Q3
2.2
3.2
2.1
3.1
2.0
3.0
ns
CL = 20pF
tPHL
D to Output
tskpp
Part-to-Part Skew(1,4)
Q0–Q3
0.5
0.5
0.5
ns
CL = 20pF
tskew++
Within-Device Skew(2,4)
Q0–Q3
0.3
0.3
0.3
ns
CL = 20pF
tskew– –
Within-Device Skew(3,4)
Q0–Q3
0.3
0.3
0.3
ns
CL = 20pF
tPLH
Propagation Delay
Q0–Q3
2.2
3.2
2.1
3.1
2.0
3.0
ns
CL = 20pF
tPHL
EN to Output
tr
Output Rise/Fall Time
Q0–Q3
1.5
1.5
1.5
ns
CL = 20pF
tf
1.0V to 2.0V
fMAX
Max. Input Frequency(5,6)
Q0–Q3
160
160
160
MHz
CL = 20pF
VT = VE = +3.0V to +3.6V


Similar Part No. - SY10H842L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842L MICREL-SY10H842L Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZC MICREL-SY10H842LZC Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZCTR MICREL-SY10H842LZCTR Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZH MICREL-SY10H842LZH Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZHTR MICREL-SY10H842LZHTR Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY10H842L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com