Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY605JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY605JC
Description  125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY605JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY605JC Datasheet HTML 1Page - Micrel Semiconductor SY605JC Datasheet HTML 2Page - Micrel Semiconductor SY605JC Datasheet HTML 3Page - Micrel Semiconductor SY605JC Datasheet HTML 4Page - Micrel Semiconductor SY605JC Datasheet HTML 5Page - Micrel Semiconductor SY605JC Datasheet HTML 6Page - Micrel Semiconductor SY605JC Datasheet HTML 7Page - Micrel Semiconductor SY605JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY605
Micrel
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–8 to 0
V
VI
Input Voltage (VCC = 0V)
0 to VEE
V
IOUT
Output Current
mA
— Continuous
50
— Surge
100
TA
Operating Temperature Range
0 to +85
°C
VEE
Operating Range(2)
–5.7 to –4.2
V
ABSOLUTE MAXIMUM RATING(1)
NOTES:
1. Beyond which device life may be impaired.
2. Parametric values specified at 10E Series: –4.75V to –5.5V
Symbol
Parameter
Min.
Typ.
Max.
MIn.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage (10K)
-1170
-840
-1130
-810
-1070
-735
mV
VIL
Input LOW Voltage (10K)
-1950
-1480
-1950
-1480
-1950
-1450
mV
VOH
Output HIGH Voltage (10K)
-1020
-975
-840
-980
-920
-810
-920
-850
-735
mV
VOL
Output LOW Voltage (10K)
-1950
-1755
-1630
-1950
-1750
-1630
-1950
-1720
-1600
mV
IIH
Input High Current (Vin = VIH max)
100
150
100
150
100
150
µA
IIH
TRIG, TRIG
100
150
100
150
100
150
µA
IIL
Input Low Current (Vin = VIL min)
100
150
100
150
100
150
µA
IIL
TRIG, TRIG
100
150
100
150
100
150
µA
Output Delay Spans
DL
Differential Linearity Error**
±0.84
±0.9
±0.84
±0.9
±0.84
±0.9
LSB
IL
Integral Linearity Error**
±1.16
±1.25
±0.89
±1.0
±0.89
±1.0
VBB
VBB Output Voltage
-1.44
-1.25
-1.44
-1.35
-1.25
-1.44
-1.25
V
IEXT
IEXT for Tspans
Tspan = 4ns
1.80
2.38
2.80
1.80
2.38
2.80
1.80
2.38
2.80
mA
Tspan = 5ns
1.45
1.85
2.40
1.45
1.85
2.40
1.45
1.85
2.40
mA
Tspan = 10ns
0.70
0.93
1.20
0.70
0.93
1.20
0.70
0.93
1.20
mA
Tspan = 15ns
0.45
0.62
0.80
0.45
0.62
0.80
0.45
0.62
0.80
mA
Tspan = 20ns
0.34
0.46
0.60
0.34
0.46
0.60
0.34
0.46
0.60
mA
Tspan = 30ns
0.20
0.30
0.40
0.20
0.30
0.40
0.20
0.30
0.40
mA
Tspan with IEXT = 1.8 mA
(Tspan = Tmax - Tmin)
4.1
6.5
4.1
6.5
4.1
6.5
ns
Tmin
Minimum Delay Time*
Data = 00, Tspan = 5ns
2.8
3.8
2.8
3.8
2.8
3.8
ns
Tspan = 10ns
3.4
4.9
3.4
4.9
3.4
4.9
ns
Tspan = 15ns
4.0
6.0
4.0
6.0
4.0
6.0
ns
Tspan = 20ns
4.6
7.1
4.6
7.1
4.6
7.1
ns
Tspan = 25ns
5.2
8.2
5.2
8.2
5.2
8.2
ns
Tspan = 30ns
5.8
9.3
5.8
9.3
5.8
9.3
ns
IEE
VEE Supply Current
——
100
70
100
——
100
mA
TA = +0˚C
TA = +25˚C
TA = +70˚C
NOTE:
1. 10K series circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test
socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. Outputs are terminated through a 50
Ω resistor
to -2.0 volts.
DC CHARACTERISTICS


Similar Part No. - SY605JC

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
   Cast aluminum ventilated top cover.
More results

Similar Description - SY605JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY604 MICREL-SY604 Datasheet
78Kb / 8P
   125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
   4 user-programmable timing modes
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
   High-Speed Octal Programmable Timing Generator
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com