Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-574ASD-2 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI1-574ASD-2
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-574ASD-2 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI1-574ASD-2 Datasheet HTML 6Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 7Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 8Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 9Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 10Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 11Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 12Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 13Page - Intersil Corporation HI1-574ASD-2 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN3096.6
August 7, 2008
Temperature Coefficients
The temperature coefficients for full-scale calibration,
unipolar offset, and bipolar offset specify the maximum
change from the initial (25°C) value to the value at TMIN or
TMAX.
Power Supply Rejection
The standard specifications for the HI-X74A assume use of
+5.00V and ±15.00V or ±12.00V supplies. The only effect of
power supply error on the performance of the device will be
a small change in the full scale calibration. This will result in
a linear change in all lower order codes. The specifications
show the maximum change in calibration from the initial
value with the supplies at the various limits.
Code Width
A fundamental quantity for A/D converter specifications is
the code width. This is defined as the range of analog input
values for which a given digital output code will occur. The
nominal value of a code width is equivalent to 1 least
significant bit (LSB) of the full scale range or 2.44mV out of
10V for a 12-bit ADC.
Quantization Uncertainty
Analog-to-digital converters exhibit an inherent quantization
uncertainty of
±1/2 LSB. This uncertainty is a fundamental
characteristic of the quantization process and cannot be
reduced for a converter of given resolution.
Left-Justified Data
The data format used in the HI-X74A is left-justified. This
means that the data represents the analog input as a fraction
of full-scale, ranging from 0 to
. This implies a binary
point to the left of the MSB.
Applying the HI-X74A
For each application of this converter, the ground
connections, power supply bypassing, analog signal source,
digital timing and signal routing on the circuit board must be
optimized to assure maximum performance. These areas
are reviewed in the following sections, along with basic
operating modes and calibration requirements.
Physical Mounting and Layout Considerations
LAYOUT
Unwanted, parasitic circuit components, (L, R, and C) can
make 12-bit accuracy impossible, even with a perfect A/D
converter. The best policy is to eliminate or minimize these
parasitics through proper circuit layout, rather than try to
quantify their effects.
The recommended construction is a double-sided printed
circuit board with a ground plane on the component side.
Other techniques, such as wire-wrapping or point-to-point
wiring on vector board, will have an unpredictable effect on
accuracy.
In general, sensitive analog signals should be routed between
ground traces and kept well away from digital lines. If analog
and digital lines must cross, they should do so at right angles.
Power Supplies
Supply voltages to the HI-X74A (+15V, -15V and +5V) must be
“quiet” and well regulated. Voltage spikes on these lines can
affect the converter’s accuracy, causing several LSBs to flicker
when a constant input is applied. Digital noise and spikes from
a switching power supply are especially troublesome. If
switching supplies must be used, outputs should be carefully
filtered to assure “quiet” DC voltage at the converter terminals.
Further, a bypass capacitor pair on each supply voltage
terminal is necessary to counter the effect of variations in
supply current. Connect one pair from pin 1 to 15 (VLOGIC
supply), one from pin 7 to 9 (VCC to Analog Common) and
one from pin 11 to 9 (VEE to Analog Common). For each
capacitor pair, a 10µF tantalum type in parallel with a 0.1µF
ceramic type is recommended.
Ground Connections
Pins 9 and 15 should be tied together at the package to
guarantee specified performance for the converter. In
addition, a wide PC trace should run directly from pin 9 to
(usually) +15V common, and from pin 15 to (usually) the +5V
Logic Common. If the converter is located some distance from
the system’s “single point” ground, make only these
connections to pins 9 and 15: Tie them together at the
package, and back to the system ground with a single path.
This path should have low resistance. (Code dependent
currents flow in the VCC, VEE and VLOGIC terminals, but not
through the HI-X74A’s Analog Common or Digital Common).
Analog Signal Source
HI-574A and HI-674A
The device chosen to drive the HI-X74A analog input will see a
nominal load of 5k
Ω (10V range) or 10kΩ (20V range).
However, the other end of these input resistors may change
±400mV with each bit decision, creating abrupt changes in
current at the analog input. Thus, the signal source must
maintain its output voltage while furnishing these step changes
in load current, which occur at 1.6
μs and 950ns intervals for the
HI-574A and HI-674A, respectively. This requires low output
impedance and fast settling by the signal source.
The output impedance of an op amp, for example, has an
open loop value which, in a closed loop, is divided by the
loop gain available at a frequency of interest. The amplifier
should have acceptable loop gain at 600kHz for use with the
HI-X74A. To check whether the output properties of a signal
source are suitable, monitor the HI-X74A’s input (pin 13 or
14) with an oscilloscope while a conversion is in progress.
Each of the twelve disturbances should subside in 1
μs or
less for the HI-574A and 500ns or less for the HI-674A. (The
comparator decision is made about 1.5µs and 850ns after
each code change from the SAR for the HI-574A and
HI-674A, respectively.)
4095
4096
HI-574A, HI-674A


Similar Part No. - HI1-574ASD-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-574ASD-2 INTERSIL-HI1-574ASD-2 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI1-574ASD-2 INTERSIL-HI1-574ASD-2 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI1-574ASD-2 INTERSIL-HI1-574ASD-2 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Renesas Technology Corp
HI1-574ASD-2 RENESAS-HI1-574ASD-2 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
More results

Similar Description - HI1-574ASD-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com