Electronic Components Datasheet Search |
|
ICL3226EIAZ-T Datasheet(PDF) 8 Page - Intersil Corporation |
|
ICL3226EIAZ-T Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 20 page 8 Detailed Description These ICL32XXE interface ICs operate from a single +3V to +5.5V supply, guarantee a 250kbps minimum data rate, require only four small external 0.1 µF capacitors, feature low power consumption, and meet all ElA RS-232C and V.28 specifications. The circuit is divided into three sections: The charge pump, the transmitters, and the receivers. Charge-Pump Intersil’s new ICL32XXE family utilizes regulated on-chip dual charge pumps as voltage doublers, and voltage inverters to generate ±5.5V transmitter supplies from a V CC supply as low as 3.0V. This allows these devices to maintain RS-232 compliant output levels over the ±10% tolerance range of 3.3V powered systems. The efficient on-chip power supplies require only four small, external 0.1 µF capacitors for the voltage doubler and inverter functions at VCC =3.3V. See the “Capacitor Selection” section, and Table 3 for capacitor recommendations for other operating conditions. The charge pumps operate discontinuously (i.e., they turn off as soon as the V+ and V- supplies are pumped up to the nominal values), resulting in significant power savings. Transmitters The transmitters are proprietary, low dropout, inverting drivers that translate TTL/CMOS inputs to EIA/TIA-232 output levels. Coupled with the on-chip ±5.5V supplies, these transmitters deliver true RS-232 levels over a wide range of single supply system voltages. Transmitter outputs disable and assume a high impedance state when the device enters the powerdown mode (see Table 2). These outputs may be driven to ±12V when disabled. All devices guarantee a 250kbps data rate for full load conditions (3k Ω and 1000pF), VCC ≥ 3.0V, with one transmitter operating at full speed. Under more typical conditions of VCC ≥ 3.3V, RL =3kΩ, and CL = 250pF, one transmitter easily operates at 1Mbps. Transmitter inputs float if left unconnected, and may cause ICC increases. Connect unused inputs to GND for the best performance. Receivers All the ICL32XXE devices contain standard inverting receivers, but only the ICL3244E receivers can three-state, via the FORCEOFF control line. Additionally, the ICL3244E includes a noninverting (monitor) receiver (denoted by the ROUTB label) that is always active, regardless of the state of any control lines. Both receiver types convert RS-232 signals to CMOS output levels and accept inputs up to ±25V while presenting the required 3k Ω to 7kΩ input impedance (see Figure 1) even if the power is off (VCC = 0V). The receivers’ Schmitt trigger input stage uses hysteresis to increase noise immunity and decrease errors due to slow input signal transitions. Receiver Skew tPHL - tPLH 25 - 50 - ns Transition Region Slew Rate VCC =3.3V, RL =3kΩ to 7kΩ, Measured From 3V to -3V or -3V to 3V CL = 150pF to 1000pF 25 6 - 30 V/ µs CL = 150pF to 2500pF 25 4 8 30 V/ µs ESD PERFORMANCE RS-232 Pins (TOUT, RIN) Human Body Model 25 - ±15 - kV IEC61000-4-2 Contact Discharge 25 - ±8- kV IEC61000-4-2 Air Gap Discharge 25 - ±15 - kV All Other Pins Human Body Model 25 - ±3- kV NOTE: 2. An “edge” is defined as a transition through the transmitter or receiver input thresholds. Electrical Specifications Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified. Typicals are at TA = 25°C (Continued) PARAMETER TEST CONDITIONS TEMP (°C) MIN TYP MAX UNITS RXOUT GND ≤ VROUT ≤ VCC 5k Ω RXIN -25V ≤ VRIN ≤ +25V GND VCC FIGURE 1. INVERTING RECEIVER CONNECTIONS ICL3224E, ICL3226E, ICL3244E |
Similar Part No. - ICL3226EIAZ-T |
|
Similar Description - ICL3226EIAZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |