Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3244ECA-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3244ECA-T
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244ECA-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL3244ECA-T Datasheet HTML 3Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 4Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 5Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 6Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 7Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 8Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 9Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 10Page - Intersil Corporation ICL3244ECA-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Input Threshold High
VCC = 3.3V
25
-
1.5
2.4
V
VCC = 5.0V
25
-
1.8
2.4
V
Input Hysteresis
25
-
0.5
-
V
Input Resistance
25
3
5
7
k
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V
Automatic Powerdown or FORCEOFF =GND
Full
-
-
±25
µA
MOUSE DRIVEABILITY (ICL3244E Only)
Transmitter Output Voltage
(See Figure 11)
T1IN =T2IN =GND, T3IN =VCC, T3OUT Loaded with 3kΩ
to GND, T1OUT and T2OUT Loaded with 2.5mA Each
Full
±5-
-
V
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
See Figure 6
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
See Figure 6
Full
-0.3
-
0.3
V
INVALID, READY Output Voltage
Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID, READY Output Voltage
High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
30
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
Note 2
25
-
100
-
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
Note 2
Full
15
30
60
sec
TIMING CHARACTERISTICS
Maximum Data Rate
RL =3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable Time
Normal Operation (ICL3244E Only)
25
-
200
-
ns
Receiver Output Disable Time
Normal Operation (ICL3244E Only)
25
-
200
-
ns
Transmitter Skew
tPHL - tPLH
25
-
100
-
ns
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ICL3224E, ICL3226E, ICL3244E


Similar Part No. - ICL3244ECA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244ECA-T INTERSIL-ICL3244ECA-T Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244ECA-T INTERSIL-ICL3244ECA-T Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3244ECA-T RENESAS-ICL3244ECA-T Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244ECA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com