Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3159EFBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL3159EFBZ
Description  ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3159EFBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL3159EFBZ Datasheet HTML 7Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 8Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 9Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 10Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 11Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 12Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 13Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 14Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL3159E
11
FN6364.2
August 25, 2015
Submit Document Feedback
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a
point-to-multipoint (multidrop) standard, which allows only one
driver and up to 10 (assuming one unit load devices) receivers
on each bus. RS-485 is a true multipoint standard, which
allows up to 32 one unit load devices (any mix of drivers and
receivers) on each bus. To allow for multipoint operation, the
RS-485 spec requires that drivers must handle bus contention
without sustaining any damage.
Another important advantage of RS-485 is the extended
Common-mode Range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as long
as 4000’ (~1200m), so the wide CMR is necessary to handle
ground potential differences, as well as voltages induced in the
cable by external fields.
Receiver (Rx) Features
This transceiver utilizes a differential input receiver for
maximum noise immunity and common-mode rejection. Input
sensitivity is ±200mV, as required by the RS422 and RS-485
specifications. Receiver inputs function with common-mode
voltages as great as 7V outside the power supplies (i.e., +12V
and -7V), making them ideal for long networks, or industrial
environments, where induced voltages are a realistic concern.
The receiver input resistance of 50kΩ surpasses the RS-422
spec of 4kΩ, and is five times the RS-485 “Unit Load” (UL)
requirement of 12kΩ minimum. Thus, the ISL3159E is known
as a “one-fifth UL” transceiver, and there can be up to 160
devices on the RS-485 bus while still complying with the
RS-485 loading specification.
The receiver is a “full fail-safe” version that guarantees a high
level receiver output if the receiver inputs are unconnected
(floating), shorted together, or connected to a terminated bus
with all the transmitters disabled (terminated/undriven).
Rx outputs deliver large low state currents (typically >30mA) at
VOL = 1V (to ease the design of optically coupled isolated
networks).
Receivers easily meet the 40Mbps data rate supported by the
driver, and the receiver output is tri-statable via the active low
RE input.
Driver (Tx) Features
The RS-485/RS-422 driver is a differential output device that
delivers at least 2.1V across a 54Ω load (RS-485/
PROFIBUS), and at least 2.6V across a 100Ω load (RS-422)
even with VCC = 4.5V. The drivers feature low propagation
delay skew to maximize bit width and to minimize EMI.
Outputs of the drivers are not slew rate limited, so faster
output transition times allow data rates of at least 40Mbps.
Driver outputs are tri-statable via the active high DE input.
For parallel applications, bit-to-bit skews between any two
ISL3159E transmitter and receiver pairs are guaranteed to be no
worse than 8ns (4ns max for any two Tx, 4ns max for any two Rx).
High VOD Improves Noise Immunity and Flexibility
The ISL3159E driver design delivers larger differential output
voltages (VOD) than the RS-485 standard requires, or than
most RS-485 transmitters can deliver. The minimum ±2.1V
VOD guarantees at least ±600mV more noise immunity than
networks built using standard 1.5V VOD transmitters.
Another advantage of the large VOD is the ability to drive more
than two bus terminations, which allows for utilizing the
ISL3159E in “star” and other multiterminated, “nonstandard”
network topologies. Figure 9 on page 8, details the
transmitter’s VOD vs IOUT characteristic, and includes load
lines for four (30Ω) and six (20Ω) 120Ω terminations. Figure 9
shows that the driver typically delivers 1.9/1.5V into 4/6
terminations, even at +85°C. The RS-485 standard requires a
minimum 1.5V VOD into two terminations, but the ISL3159E
typically delivers RS-485 voltage levels with 2x to 3x the
number of terminations.
ESD Protection
All pins on the ISL3159E include class 3 (>9kV) Human Body
Model (HBM) ESD protection structures, but the RS-485 pins
(driver outputs and receiver inputs) incorporate advanced
structures allowing them to survive ESD events in excess of
±16.5kV HBM and ±15kV IEC61000-4-2. The RS-485 pins are
particularly vulnerable to ESD strikes because they typically
connect to an exposed port on the exterior of the finished
product. Simply touching the port pins, or connecting a cable,
can cause an ESD event that might destroy unprotected ICs.
These new ESD structures protect the device whether or not it
is powered up and without degrading the RS-485
common-mode range of -7V to +12V. This built-in ESD
protection eliminates the need for board level protection
structures (e.g., transient suppression diodes) and the
associated, undesirable capacitive load they present.
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment,
rather than to an individual IC. Therefore, the pins most likely
to suffer an ESD event are those that are exposed to the
outside world (the RS-485 pins in this case), and the IC is
tested in its typical application configuration (power applied)
rather than testing each pin-to-pin combination. The IEC61000
standard’s lower current limiting resistor coupled with the
larger charge storage capacitor yields a test that is much more
severe than the HBM test. The extra ESD protection built into
this device’s RS-485 pins allows the design of equipment
meeting level 4 criteria without the need for additional board
level protection on the RS-485 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the IC
pin until the voltage arcs to it. The current waveform delivered to
the IC pin depends on approach speed, humidity, temperature,
etc., so it is more difficult to obtain repeatable results. The
ISL3159E RS-485 pins withstand ±15kV air-gap discharges.


Similar Part No. - ISL3159EFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3159EFBZ INTERSIL-ISL3159EFBZ Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3159EFBZ RENESAS-ISL3159EFBZ Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results

Similar Description - ISL3159EFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com