Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3232EIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL3232EIRZ
Description  QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3232EIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3232EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 9Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 10Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 11Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 12Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 13Page - Intersil Corporation ISL3232EIRZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6045.6
May 13, 2010
Power Supply Decoupling
In most circumstances a 0.1µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Power-down
Figure 8 shows the response of two transmitter outputs
when exiting power-down mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF.
Note that the transmitters enable only when the magnitude
of the supplies exceed approximately 3V.
Operation Down to 2.7V
ISL4221E, ISL4223E and ISL3232E transmitter outputs
meet RS-562 levels (±3.7V), at the full data rate, with VCC
as low as 2.7V. RS-562 levels typically ensure inter
operability with RS-232 devices.
High Data Rates
The ISL4221E, ISL4223E and ISL3232E maintain the RS-
232 ±5V minimum transmitter output voltages even at high
data rates. Figure 9 details a transmitter loopback test
circuit, and Figure 10 illustrates the loopback test result at
120kbps. For this test, all transmitters were simultaneously
driving RS-232 loads in parallel with 1000pF, at 120kbps.
Figure 11 shows the loopback results for a single transmitter
driving 1000pF and an RS-232 load at 250kbps. The static
transmitters were also loaded with an RS-232 receiver.
TIME (20µs/DIV)
T1
T2
2V/DIV
5V/DIV
VCC = +3.3V
FORCEOFF
FIGURE 8. TRANSMITTER OUTPUTS WHEN EXITING
POWER-DOWN
C1 - C4 = 0.1µF
FIGURE 9. TRANSMITTER LOOPBACK TEST CIRCUIT
FIGURE 10. LOOPBACK TEST AT 120kbps
FIGURE 11. LOOPBACK TEST AT 250kbps
ISL4221E, ISL4223E
VCC
FORCEOFF
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5k
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1µF
VCC
FORCEON
T1IN
T1OUT
R1OUT
TIME (5µs/DIV)
VCC = +3.3V
5V/DIV
C1 - C4 = 0.1µF
T1IN
T1OUT
R1OUT
TIME (2µs/DIV)
5V/DIV
VCC = +3.3V
C1 - C4 = 0.1µF
ISL3232E, ISL4221E, ISL4223E


Similar Part No. - ISL3232EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL3232EIRZ RENESAS-ISL3232EIRZ Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL3232EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com