Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3179EIBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3179EIBZ
Description  High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EIBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3179EIBZ Datasheet HTML 5Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 9Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 10Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 11Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 12Page - Intersil Corporation ISL3179EIBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL3179E, ISL3180E
9
FN6365.5
August 25, 2015
Submit Document Feedback
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8. RECEIVER PROPAGATION DELAY
FIGURE 9A. TEST CIRCUIT
FIGURE 9B. MEASUREMENT POINTS
FIGURE 9. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
SIGNAL
GENERATOR
R
RO
RE
A
B
+1.5V
15pF
RO
+3V
0V
tPLH
1.5V
1.5V
VCC
0V
1.7V
1.7V
tPHL
A
1kΩ
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 11)0
+1.5V
GND
tZL (Note 11)
0
-1.5V
VCC
tZH(SHDN) (Note 14)0
+1.5V
GND
tZL(SHDN) (Note 14)
0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
GND
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
(Note 12)
(Note 12)
(Note 12)
Typical Performance Curves V
CC = 3.3V, TA = +25°C; Unless Otherwise Specified
FIGURE 10. DRIVER OUTPUT CURRENT vs DIFFERENTIAL OUTPUT
VOLTAGE
FIGURE 11. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
+25°C
+85°C
RD = 54Ω
RD = 100Ω
+125°C
3.3
RD = 33Ω
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
RD = 54Ω
RD = 100Ω
125


Similar Part No. - ISL3179EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179EIBZ INTERSIL-ISL3179EIBZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179EIBZ RENESAS-ISL3179EIBZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Similar Description - ISL3179EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com