Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21070CIH320Z-TK Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL21070CIH320Z-TK
Description  25µA Micropower Voltage References
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH320Z-TK Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL21070CIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21070CIH320Z-TK Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL21070
11
FN7599.3
September 3, 2015
Submit Document Feedback
Package Outline Drawing
P3.064
3 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE (SOT23-3)
Rev 3, 3/12
Reference JEDEC TO-236.
Footlength is measured at reference to gauge plane.
Dimension does not include interlead flash or protrusions.
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "A"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
C
0.10 C
0.20 M C
L
C
1.30±0.10
C
L
0.950
2.37±0.27
2.92±0.12
4
4
10° TYP
(2 plcs)
0.013(MIN)
0.100(MAX)
SEATING PLANE
1.00±0.12
0.95±0.07
SEATING PLANE
GAUGE PLANE
0.25
0.38±0.10
DETAIL "A"
0.435±0.065
0 - 8 deg.
(2.15)
(1.25)
(0.60)
(0.95 typ.)
5
0.085 - 0.19
Dimensions in ( ) for Reference Only.
Interlead flash or protrusions shall not exceed 0.25mm per side.
(0.4 RAD TYP.)


Similar Part No. - ISL21070CIH320Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Similar Description - ISL21070CIH320Z-TK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com