Electronic Components Datasheet Search |
|
ISL21080CIH315Z-TK Datasheet(PDF) 7 Page - Intersil Corporation |
|
ISL21080CIH315Z-TK Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 20 page ISL21080 7 FN6934.5 June 23, 2014 Submit Document Feedback Electrical Specifications (ISL21080-33, VOUT = 3.3V) VIN = 5.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 13) TYP MAX (Note 13) UNIT VOUT Output Voltage 3.3 V VOA VOUT Accuracy @ TA = +25°C (Notes 8, 9) -0.2 +0.2 % TC VOUT Output Voltage Temperature Coefficient (Note 10) 50 ppm/°C VIN Input Voltage Range 3.5 5.5 V IIN Supply Current 0.31 1.5 µA VOUT /VIN Line Regulation 3.5 V < VIN < 5.5V 80 350 µV/V VOUT/IOUT Load Regulation Sourcing: 0mA IOUT 10mA 25 100 µV/mA Sinking: -10mA IOUT 0mA 50 350 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 50 mA tR Turn-on Settling Time VOUT = ±0.1% with no load 4 ms Ripple Rejection f = 120Hz -40 dB eN Output Voltage Noise 0.1Hz f 10Hz 30 µVP-P VN Broadband Voltage Noise 10Hz f 1kHz 52 µVRMS Noise Density f = 1kHz 1.1 µV/ Hz VOUT/TA Thermal Hysteresis (Note 11) TA = +165°C 100 ppm VOUT/t Long Term Stability (Note 12) TA = +25°C 50 ppm Electrical Specifications (ISL21080-41 VOUT = 4.096V) VIN = 5.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 13) TYP MAX (Note 13) UNIT VOUT Output Voltage 4.096 V VOA VOUT Accuracy @ TA = +25°C(Notes 8, 9) -0.2 +0.2 % TC VOUT Output Voltage Temperature Coefficient (Note 10) 50 ppm/°C VIN Input Voltage Range 4.5 8.0 V IIN Supply Current 0.5 1.5 µA VOUT /VIN Line Regulation 4.5 V < VIN < 8.0V 80 350 µV/V VOUT/IOUT Load Regulation Sourcing: 0mA IOUT 10mA 10 100 µV/mA Sinking: -10mA IOUT 0mA 20 350 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 80 mA tR Turn-on Settling Time VOUT = ±0.1% with no load 4 ms Ripple Rejection f = 120Hz -40 dB eN Output Voltage Noise 0.1Hz f 10Hz 30 µVP-P VN Broadband Voltage Noise 10Hz f 1kHz 52 µVRMS Noise Density f = 1kHz 1.1 µV/ Hz VOUT/TA Thermal Hysteresis (Note 11) TA = +165°C 100 ppm VOUT/t Long Term Stability (Note 12) TA = +25°C 50 ppm |
Similar Part No. - ISL21080CIH315Z-TK |
|
Similar Description - ISL21080CIH315Z-TK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |