Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21010CFH333Z-T7A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL21010CFH333Z-T7A
Description  Micropower Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010CFH333Z-T7A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21010CFH333Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ISL21010
3
FN7896.3
January 8, 2015
Submit Document Feedback
Pin Configuration
ISL21010
(3 LD SOT-23)
TOP VIEW
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage Connection
2VOUT
Voltage Reference Output
3GND
Ground Connection
Ordering Information
PART NUMBER
(Notes 1, 2, 3, 4)
PART
MARKING
VOUT OPTION
(V)
INITIAL
ACCURACY
(%)
TEMP. RANGE
(°C)
PACKAGE
TAPE & REEL
(RoHS Compliant)
PKG.
DWG. #
ISL21010DFH310Z-TK
BEBA
1.024
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010DFH310Z-T7A
BEBA
1.024
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010DFH312Z-TK
BECA
1.25
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010DFH312Z-T7A
BECA
1.25
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH315Z-TK
BDRA
1.5
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH315Z-T7A
BDRA
1.5
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH320Z-TK
BDSA
2.048
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH320Z-T7A
BDSA
2.048
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH325Z-TK
BDTA
2.5
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH325Z-T7A
BDTA
2.5
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH330Z-TK
BDVA
3.0
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH330Z-T7A
BDVA
3.0
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH333Z-TK
BDWA
3.3
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH333Z-T7A
BDWA
3.3
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH341Z-TK
BDYA
4.096
±0.2
-40 to +125
3 Ld SOT-23
P3.064
ISL21010CFH341Z-T7A
BDYA
4.096
±0.2
-40 to +125
3 Ld SOT-23
P3.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21010. For more information on MSL please see Tech Brief TB363.
4. The part marking is located on the bottom of the part.


Similar Part No. - ISL21010CFH333Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21010CFH333Z-T7A RENESAS-ISL21010CFH333Z-T7A Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

Similar Description - ISL21010CFH333Z-T7A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com