Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87701LZI Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY87701LZI
Description  3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701LZI Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY87701LZI Datasheet HTML 4Page - Micrel Semiconductor SY87701LZI Datasheet HTML 5Page - Micrel Semiconductor SY87701LZI Datasheet HTML 6Page - Micrel Semiconductor SY87701LZI Datasheet HTML 7Page - Micrel Semiconductor SY87701LZI Datasheet HTML 8Page - Micrel Semiconductor SY87701LZI Datasheet HTML 9Page - Micrel Semiconductor SY87701LZI Datasheet HTML 10Page - Micrel Semiconductor SY87701LZI Datasheet HTML 11Page - Micrel Semiconductor SY87701LZI Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SY87701L
9
Micrel
Material List
For Bypass and AC coupling capacitor, high quality factor
(High Q) capacitors are recommended. This will optimize
the performance of the device in high frequency domain.
Description
Component Part No.(1, 2)
SY87700L/SY87700V/SY87701L/SY87701V
U1
80
PLLS+,
R5
1.5
µF
PLLS–,
C3
50
PLLR+,
R6
1.0
µF
PLLR–,
C4
5k
Ω or 4.7kΩ
Pull Up Resistor x 6,
R17 – R22
330
Ω or 220Ω (see schematic)
Output Pull Down Resistor,
R11 – R16
4.7K
Pull Up Resistor,
R7
130
Pull Up Resistor,
R9
12k
Pull Down Resistor,
R8
12k
R10
120
R23
0.1
µF
AC Coupling Capacitors x 6,
C1, C2, C14 – C19
Tantalum, 22
µF, 16V
Decoupling Capacitor,
C6, C8
0.1
µF
Decoupling Capacitors x 7,
C5, C7, C9 – C13
Murata BLM21A102F
Ferrite Bead,
FB1
1N4148
Diode,
D1
Johnson SMAs, ID#142-0701-201
SMAs x 9
6-pin Dip switch
SW1
DPDT Slide Switch
LED
The suggested dielectric characteristics for these capacitors
are NPO and/or COG. AVX is a suggested provider of
electronic components. www.avxcorp.com
Ordering
Package
Operating
Code
Type
Range
SY87701LZI
Z28-1
Industrial
SY87701LHI
H32-1*
Industrial
PRODUCT ORDERING CODE
*Contact factory for availability.
NOTES:
1. For V
CC = 3.3V
R8 = 12k
Ω; R = 130Ω
2. For V
CC = 5.0V
R8 = 24k
Ω; R9 = 200Ω


Similar Part No. - SY87701LZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701LZI MICREL-SY87701LZI Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701LZI MICREL-SY87701LZI Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
SY87701LZITR MICREL-SY87701LZITR Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701LZITR MICREL-SY87701LZITR Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results

Similar Description - SY87701LZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com