Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78235ARZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL78235ARZ
Description  5A Automotive Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78235ARZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL78235ARZ Datasheet HTML 4Page - Intersil Corporation ISL78235ARZ Datasheet HTML 5Page - Intersil Corporation ISL78235ARZ Datasheet HTML 6Page - Intersil Corporation ISL78235ARZ Datasheet HTML 7Page - Intersil Corporation ISL78235ARZ Datasheet HTML 8Page - Intersil Corporation ISL78235ARZ Datasheet HTML 9Page - Intersil Corporation ISL78235ARZ Datasheet HTML 10Page - Intersil Corporation ISL78235ARZ Datasheet HTML 11Page - Intersil Corporation ISL78235ARZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL78235
8
FN8713.2
July 1, 2015
Submit Document Feedback
FIGURE 11. VOUT REGULATION vs LOAD (VOUT = 1.2V)
FIGURE 12. VOUT REGULATION vs LOAD (VOUT = 1.8V)
FIGURE 13. VOUT REGULATION vs LOAD (VOUT =1.0V)
FIGURE 14. PHASE MINIMUM ON-TIME vs VIN
FIGURE 15. EN START-UP AT NO LOAD (SYNC = GND)
FIGURE 16. EN START-UP AT NO LOAD (SYNC = VDD)
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C, VIN =VDD = 5V,
VOUT =1.8V, EN = VDD, SYNC = VDD, L = 0.68µH, fSW = 2MHz, CIN = 2 x 22µF, COUT = 2 x 22µF, IOUT = 0A to 5A. (Continued)
1.179
1.184
1.194
1.199
1.204
1.209
1.214
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
4.5
5.0
1.219
1.189
3.3V PWM
5V PFM
5V PWM
3.3V PFM
1.770
1.775
1.785
1.790
1.795
1.800
1.805
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
4.5
5.0
1.810
1.780
5V PWM
3.3V PWM
5V PFM
3.3V PFM
0.980
0.985
0.995
1.000
1.005
1.010
1.015
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
4.5
5.0
1.020
0.990
3.3V PFM
3.3V PWM
50
55
60
65
70
75
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
T = +25°C
T = -40°C
T = +125°C
PHASE 5V/DIV
EN 2V/DIV
PG 5V/DIV
VOUT 1V/DIV
500µs/DIV
SS = GND
COUT = 4x22µF
PHASE 5V/DIV
EN 2V/DIV
PG 5V/DIV
VOUT 1V/DIV
500µs/DIV
SS = GND
COUT = 4x22µF


Similar Part No. - ISL78235ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78235ARZ RENESAS-ISL78235ARZ Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235ARZ-TR5668 INTERSIL-ISL78235ARZ-TR5668 Datasheet
1Mb / 20P
   Automotive 5A Synchronous Buck Regulator
January 21, 2016
logo
Renesas Technology Corp
ISL78235ARZ-TR5668 RENESAS-ISL78235ARZ-TR5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
More results

Similar Description - ISL78235ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235R5668 INTERSIL-ISL78235R5668 Datasheet
1Mb / 20P
   Automotive 5A Synchronous Buck Regulator
January 21, 2016
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
   5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com