Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL41387IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL41387IRZ
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL41387IRZ Datasheet HTML 4Page - Intersil Corporation ISL41387IRZ Datasheet HTML 5Page - Intersil Corporation ISL41387IRZ Datasheet HTML 6Page - Intersil Corporation ISL41387IRZ Datasheet HTML 7Page - Intersil Corporation ISL41387IRZ Datasheet HTML 8Page - Intersil Corporation ISL41387IRZ Datasheet HTML 9Page - Intersil Corporation ISL41387IRZ Datasheet HTML 10Page - Intersil Corporation ISL41387IRZ Datasheet HTML 11Page - Intersil Corporation ISL41387IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ISL81387, ISL41387
8
FN6201.4
June 9, 2014
Submit Document Feedback
Input Low Voltage
VIL1
VL = VCC if QFN
Full
-
1.4
0.8
V
VIL2
VL = 3.3V (QFN Only)
Full
-
1
0.7
V
VIL3
VL = 2.5V (QFN Only)
Full
-
0.8
0.5
V
Input Current
IIN1
Except SLEW, RXEN (QFN), and SPB (QFN)
Full
-2
-
2
µA
IIN2
SLEW (Note 15), RXEN (QFN), and SPB (QFN)
Full
-25
-
25
µA
DC CHARACTERISTICS - RS-485 RECEIVER INPUTS (485/232 = VCC)
Receiver Differential Threshold
Voltage
VTH
-7V
 VCM  12V, Full fail-safe
Full
-0.2
-
-0.04
V
Receiver Input Hysteresis
VTH
VCM = 0V
25
-
35
-
mV
Receiver Input Current (A, B)
IIN
VCC = 0V or 4.5V to 5.5V
VIN = 12V
Full
-
-
0.8
mA
VIN = -7V
Full
-0.64
-
-
mA
Receiver Input Resistance
RIN
-7V
 VCM  12V, VCC = 0 (Note 13), or
4.5V
 VCC  5.5V
Full
15
-
-
k
DC CHARACTERISTICS - RS-232 RECEIVER INPUTS (485/232 = GND)
Receiver
Input Voltage Range
VIN
Full
-25
-
25
V
Receiver
Input Threshold
VIL
Full
-
1.4
0.8
V
VIH
Full
2.4
1.9
-
V
Receiver
Input Hysteresis
VTH
25
-
0.5
-
V
Receiver
Input Resistance
RIN
VIN = 15V, VCC Powered up (Note 13)Full
3
5
7
k
DC CHARACTERISTICS - RECEIVER OUTPUTS (485 OR 232 MODE)
Receiver Output High Voltage
VOH1
IO = -2mA (VL = VCC if QFN)
Full
3.5
4.6
-
V
VOH2
IO = -650A, VL = 3V (QFN Only)
Full
2.6
2.9
-
V
VOH3
IO = -500A, VL = 2.5V (QFN Only)
Full
2
2.4
-
V
Receiver Output Low Voltage
VOL
IO = 3mA
Full
-
0.1
0.4
V
Receiver Short-Circuit Current
IOSR
0V
 VO  VCC
Full
7
-
85
mA
Receiver Three-State Output
Current
IOZR
Output Disabled, 0V
 VO  VCC (or VL for QFN)
Full
-
-
10
µA
POWER SUPPLY CHARACTERISTICS
No-Load Supply Current (Note 11)ICC232
485/232 = 0V, ON = VCC
Full
-
3.7
7
mA
ICC485
485/232 = VCC, ON = VCC
Full
-
1.6
5
mA
Shutdown Supply Current
ISHDN232 ON = DEN = RXEN = 0V
(RXEN = SPB = VCC if QFN)
Full
-
5
30
µA
ISHDN485 ON = DEN = RXEN = SLEW = 0V
(RXEN = VCC, SPB = 0V if QFN)
Full
-
35
60
µA
ESD CHARACTERISTICS
Bus Pins (A, B, Y, Z) Any Mode
Human Body Model
25
-
15
-
kV
All Other Pins
Human Body Model
25
-
4
-
kV
RS-232 DRIVER and RECEIVER SWITCHING CHARACTERISTICS (485/232 = 0V, ALL VERSIONS AND SPEEDS)
Driver Output
Transition Region
Slew Rate
SR
RL =3kMeasured From 3V to
-3V or -3V to 3V
CL  15pF
Full
-
18
30
V/µs
CL  2500pF
Full
4
12
-
V/µs
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, VL = VCC (for QFN only), Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = +25°C (Note 10). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)TYP
MAX
(Note 17)UNITS


Similar Part No. - ISL41387IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41387IRZ INTERSIL-ISL41387IRZ Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL41387IRZ RENESAS-ISL41387IRZ Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL41387IRZ-T INTERSIL-ISL41387IRZ-T Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL41387IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com