Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88905 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88905
Description  LASER DIODE CONTROLLER WITH APC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88905 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88905 Datasheet HTML 1Page - Micrel Semiconductor SY88905 Datasheet HTML 2Page - Micrel Semiconductor SY88905 Datasheet HTML 3Page - Micrel Semiconductor SY88905 Datasheet HTML 4Page - Micrel Semiconductor SY88905 Datasheet HTML 5Page - Micrel Semiconductor SY88905 Datasheet HTML 6Page - Micrel Semiconductor SY88905 Datasheet HTML 7Page - Micrel Semiconductor SY88905 Datasheet HTML 8Page - Micrel Semiconductor SY88905 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SY88905
Micrel
DETAILED DESCRIPTION
The SY88905 is an integrated control circuit for laser
diode modules intended for high-frequency fiber-optic
applications. The device is designed to operate with the
SY88902 laser diode driver providing Automatic Power
Control (APC) which provides bias current control and
monitor diode interface. The device also interfaces with the
SY88903 high-speed limiting amplifier providing chatter-free
Loss of Signal function.
Laser Diode Supply Current
The SY88905 provides the adjustable drive current for
the laser diode, DC bias.
Monitor Diode
The MD pin on the SY88905 provides low frequency
light intensity, laser power out feedback from the monitor
diode in the laser diode package. This feedback is used to
adjust the IBIAS level through the Automatic Power Control
circuit to maintain a near constant power output from the
laser diode.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ. Max. Unit
Conditions
ICC
Power Supply Current
40
28
40
40
mA
No output load
IBIAS SET
IBIAS SET Input Current
0.9
0.9
0.9
mA
IBIAS
IBIAS Output Current
0.5
25
0.5
25
0.5
25
mA
ABIAS
IBIAS Current Gain
28
44
28
37
44
28
44
=IBIAS / IBIAS SET
VREF
Reference Voltage
2.30
3.30
2.30
2.75
3.30
2.30
3.30
V
IREF = -100
µA
∆VPIN SET
VPIN SET Voltage Tracking
0.95
1.35
0.95
1.13
1.35
0.95
1.35
V
=VREF – VPIN SET
∆VBIAS SET VBIAS Voltage Tracking
0.8
1.20
0.8
1.0
1.20
0.8
1.20
V
=VREF – VBIAS SET
VCOMP BIAS
Compliance Voltage
0.1
1.0
0.1
0.4
1.0
0.1
1.0
V
IBIAS = 15mA
IBIAS FB
Feedback Current(1)
350
350
500
350
µA
ABIAS FB
Feedback Gain(2)
4
14
4
14
4
14
DC ELECTRICAL CHARACTERISTICS
VCC = +5V
±10%
NOTE:
1.
|IMD – IPIN SET| = 100
µA
2.
|IBIAS FB| / |IMD – IPIN SET|
NOTE:
1. Individual product specifications over-ride general specifications.
TTL DC ELECTRICAL CHARACTERISTICS
VCC = +5V
±10%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIH
Input HIGH Current
20
20
20
µAVIN = 2.7V
100
100
100
VIN = VCC
IIL
Input LOW Current
–0.3
–0.3
–0.3
mA
VIN = 0.5V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –12mA


Similar Part No. - SY88905

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88905 MICREL-SY88905 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KC MICREL-SY88905KC Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KCTR MICREL-SY88905KCTR Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KH MICREL-SY88905KH Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KHTR MICREL-SY88905KHTR Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
More results

Similar Description - SY88905

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
logo
Roithner LaserTechnik G...
ADL-65075TA4 ROITHNER-ADL-65075TA4 Datasheet
176Kb / 2P
   Visible Laser Diode with integrated APC
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
   Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
   Laser Diode Driver with APC Amplifier for Printers
logo
Asahi Kasei Microsystem...
AK2573A AKM-AK2573A Datasheet
267Kb / 38P
   125M / 156M Laser Diode Driver APC
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Elantec Semiconductor
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com