Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88922KC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88922KC
Description  SDH/SONET 2.5Gbps LASER DIODE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922KC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88922KC Datasheet HTML 1Page - Micrel Semiconductor SY88922KC Datasheet HTML 2Page - Micrel Semiconductor SY88922KC Datasheet HTML 3Page - Micrel Semiconductor SY88922KC Datasheet HTML 4Page - Micrel Semiconductor SY88922KC Datasheet HTML 5Page - Micrel Semiconductor SY88922KC Datasheet HTML 6Page - Micrel Semiconductor SY88922KC Datasheet HTML 7Page - Micrel Semiconductor SY88922KC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88922
Micrel
Pin
Function
VCC
Most positive power supply input, +5V for PECL
operation.
GND
Ground
DIN, /DIN
These differential PECL 100K compatible inputs
receive NRZ data.
/EN
This PECL 100K compatible input enables
Laser Driver. Modulation current goes to zero
when asserted HIGH.
OUT, /OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
VREF
Voltage reference for use with RSET.
RSET
An external resistor sets up the source current
for modulation Imod.
D
D
/EN
OUT(2)
/OUT
LH
LH
L
H
LLL
H
XX
H
H
L
NOTES:
1. L = LOW, H = HIGH, X = don't care
2. H = IOUT = 0mA
PIN NAMES
TRUTH TABLE(1)
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
VI
Input Voltage
0 to VCC
V
IO
Output Current
25
mA
TA
Operating Temperature Range
0 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
Ptot
Power Dissipation
250
mW
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
+4.5 to +5.5
V
REXT
Resistor to Dissipate Power
10 to 50
RSER
Laser Diode Serial Resistor
0 to 50
RSET
Resistor to Adjust Current
1500 to 50,000
ΘJA
Thermal Resistance of Package to Ambient(2)
113
°C/W
COUT
Capacitance on OUT + /OUT
2.5 typical
pf
OPERATIONING CONDITIONS(1)
NOTES:
1. The voltage drop across REXT and RSER plus Laser Diode should not be greater than 2V.
2. Still air without heatsink.


Similar Part No. - SY88922KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922KC MICREL-SY88922KC Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KC MICREL-SY88922KC Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KCTR MICREL-SY88922KCTR Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KCTR MICREL-SY88922KCTR Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results

Similar Description - SY88922KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3869 MAXIM-MAX3869 Datasheet
468Kb / 16P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
19-1570; Rev 0; 12/99
MAX3869 MAXIM-MAX3869_V01 Datasheet
679Kb / 15P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com