Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY67159_396LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY67159_396LF
Description  200 to 3800 MHz Broadband Low-Noise Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67159_396LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY67159_396LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY67159_396LF Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DATA SHEET • SKY67159-396LF: BROADBAND LOW-NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
May 12, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203397B
2
4
6
8
10
12
14
16
18
–20
–18
–16
–14
–12
–10
–8
–6
–4
IIP3 vs Input Power Over Temperature
@ 2700 MHz, 1 MHz Spacing
+25 °C
–40 °C
+105 °C
+85 °C
Figure 15. OIP3 vs Input Power over Temperature
(@ 2700 MHz, 1 MHz Spacing)
24
26
28
30
32
34
36
30
35
40
45
50
55
60
6570758085
90
Current (mA)
700 MHz
1800 MHz
2200 MHz
2700 MHz
3800 MHz
Figure 16. OIP3 vs Quiescent Current over Frequency


Similar Part No. - SKY67159_396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67159-396LF SKYWORKS-SKY67159-396LF Datasheet
3Mb / 18P
   200 to 3800 MHz Broadband Low-Noise Amplifier
More results

Similar Description - SKY67159_396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67159-396LF SKYWORKS-SKY67159-396LF Datasheet
3Mb / 18P
   200 to 3800 MHz Broadband Low-Noise Amplifier
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
   200 to 6000 MHz Broadband Low-Noise Amplifier
SKY65806-636LF SKYWORKS-SKY65806-636LF Datasheet
141Kb / 2P
   Ultra-High-Band 3400 to 3800 MHz Low-Noise Amplifier
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
   400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
RF Micro Devices
RF2884 RFMD-RF2884 Datasheet
121Kb / 6P
   BROADBAND LOW NOISE AMPLIFIER
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
logo
Micronetics, Inc.
CNS7106-D1C MICRONETICS-CNS7106-D1C Datasheet
293Kb / 2P
   High Power Broadband Noise Sources 200 kHz to 12 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com