Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77461 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY77461
Description  Low voltage positive bias supply - 3.1 V to 4.6 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77461 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY77461 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77461 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Model Number
Manufacturing Part Number
Product Revision
Package
Operating Temperature
SKY77461
SKY77461
MCM 4 mm x 3 mm x 0.9 mm
–20 °C to +85 °C
Copyright © 2011, Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided by
Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of
Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks, the Skyworks symbol, “Breakthrough Simplicity,” DCR, Helios, HIP3, Innovation to Go, Intera, iPAC, LIPA, Polar Loop, and System Smart are trademarks or registered trademarks of
Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional
information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.


Similar Part No. - SKY77461

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77460 SKYWORKS-SKY77460 Datasheet
81Kb / 2P
   Low voltage positive bias supply
More results

Similar Description - SKY77461

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77447 SKYWORKS-SKY77447 Datasheet
80Kb / 2P
   Low voltage positive bias supply - 3.0 V to 4.6 V
SKY77731 SKYWORKS-SKY77731 Datasheet
92Kb / 2P
   Low voltage positive bias supply 3.2 V to 4.2 V
SKY77762 SKYWORKS-SKY77762 Datasheet
93Kb / 2P
   Low voltage positive bias supply 3.0 V to 4.5 V
SKY77768 SKYWORKS-SKY77768 Datasheet
141Kb / 2P
   Low voltage positive bias supply 3.2 V to 4.2 V
SKY77761 SKYWORKS-SKY77761 Datasheet
91Kb / 2P
   Low voltage positive bias supply 3.2 V to 4.2 V
SKY77767 SKYWORKS-SKY77767 Datasheet
94Kb / 2P
   Low voltage positive bias supply 3.0 V to 4.5 V
SKY77764 SKYWORKS-SKY77764 Datasheet
138Kb / 2P
   Low voltage positive bias supply 3.0 V to 4.5 V
SKY77765 SKYWORKS-SKY77765 Datasheet
165Kb / 2P
   Low voltage positive bias supply 3.2 V to 4.2 V
logo
ATMEL Corporation
T2801 ATMEL-T2801_97 Datasheet
523Kb / 29P
   Supply Voltage Range 3 V to 4.6 V (Unregulated)
logo
Skyworks Solutions Inc.
SKY77460 SKYWORKS-SKY77460 Datasheet
81Kb / 2P
   Low voltage positive bias supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com