Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88943VKC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88943VKC
Description  5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88943VKC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88943VKC Datasheet HTML 1Page - Micrel Semiconductor SY88943VKC Datasheet HTML 2Page - Micrel Semiconductor SY88943VKC Datasheet HTML 3Page - Micrel Semiconductor SY88943VKC Datasheet HTML 4Page - Micrel Semiconductor SY88943VKC Datasheet HTML 5Page - Micrel Semiconductor SY88943VKC Datasheet HTML 6Page - Micrel Semiconductor SY88943VKC Datasheet HTML 7Page - Micrel Semiconductor SY88943VKC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88943V
Micrel
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
I
CC
Power Supply
5V
40
40
33
40
45
mA
Current(1)
3.3V
40
40
28
40
45
I
IL
EN Input LOW Current
–0.3(6)
—–0.3(6)
—–0.3(6)
——
–0.3(6)
mA
I
IH
EN Input HIGH Current
20(4)
20(4)
——
20(4)
20(4)
µA
100(5)
100(5)
——
100(5)
100(5)
V
CMR
Common Mode Range
GND +2.0
V
CC
GND +2.0
V
CC
GND +2.0
V
CC
GND +2.0
V
CC
V
V
offset
Differential Output Offset
±100
±100
±17
±100
±100
mV
SD
LVL
SD
LVL Level
V
REF
V
CC
V
REF
V
CC
V
REF
V
CC
V
REF
V
CC
V
V
OL
SD Output Low Level(2)
0.5
0.5
——
0.5
0.5
V
I
OH
SD Output Leakage(3)
100
100
——
100
100
µA
V
OH
D
OUT and /DOUT
V
CC -1085
V
CC -880
V
CC -1025 VCC -880
V
CC -1025
V
CC -955
V
CC -880
V
CC -1025
V
CC -880
mV
HIGH Output
V
OL
D
OUT and /DOUT
V
CC -1830 VCC -1555 VCC -1810 VCC -1620 VCC -1810 VCC -1705 VCC -1620 VCC -1810 VCC- 1620
mV
LOW Output
V
REF
Reference Supply
V
CC -1.38
V
CC -1.26
V
CC -1.38 VCC -1.26
V
CC -1.38
V
CC -1.32 VCC -1.26
V
CC -1.38
V
CC -1.26
V
I
REF
V
REF Output Current
–0.8
0.5
–0.8
0.5
–0.8
0.5
–0.8
0.5
mA
V
IH
EN Input HIGH Voltage
2.0
2.0
2.0
——
2.0
V
V
IL
EN Input LOW Voltage
0.8
0.8
——
0.8
0.8
V
NOTES:
1. No output load
2. I
OL = + 2mA
3. V
OH = 5.5V
DC ELECTRICAL CHARACTERISTICS
V
CC = +5V ±10%, RLOAD = 50Ω to VCC –2V
4. V
IN = 2.7V
5. V
IN = VCC
6. V
IN = 0.5V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Conditions
PSRR
Power Supply(1)
——
35
———
dB
Input referred,
Rejection Ratio
55MHz
V
ID
Input Voltage Range
5
1800
5
1800
5
1800
5
1800 mVp-p
V
OD
Differential Output
——
700
———
mV
V
ID = 15mVp-p
Voltage Swing(2)
——
300
———
mV
V
ID = 5mVp-p
t
ONL
SD Release Time(3)
0.5
0.5
0.2
0.5
0.5
µs
Minimum Input
t
ONH
SD Release Time(4)
0.5
0.5
0.2
0.5
0.5
µs
Maximum Input
t
OFFL
SD Assert Time(3)
0.5
0.5
0.1
0.5
0.5
µs
V
SR
SD Sensitivity Range
5
50
5
50
5
50
5
50
MVp-p
223-1 pattern
HYS
SD Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
223-1 pattern
t
r, tf
Output Rise/Fall Time
175
175
150
175
175
ps
V
ID > 100mVp-p
——
t
rin,tfin
———
V
ID < 100mVp-p
AC ELECTRICAL CHARACTERISTICS
V
CC = +5V ±10%, RLOAD = 50Ω to VCC –2V
3. Input is a 200MHz square wave, tr < 300ps, 8mVp-p.
4. Input is a 200MHz square wave, tr < 300ps, 1.8Vp-p.
NOTES:
1. Input referred noise = RMS output noise/low frequency gain.
2. Input is a 622MHz square wave.


Similar Part No. - SY88943VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88943VKC MICREL-SY88943VKC Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943VKCTR MICREL-SY88943VKCTR Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
More results

Similar Description - SY88943VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com