Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9614-55A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK9614-55A
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9614-55A Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK9614-55A_15 Datasheet HTML 1Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9614-55A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product has been designed and qualified to
the appropriate AEC standard for use in automotive critical applications.
1.2 Features and benefits
AEC Q101 compliant
Low conduction losses due to low
on-state resistance
Suitable for logic level gate drive
sources
Suitable for thermally demanding
environments due to 175 °C rating
1.3 Applications
12 V and 24 V loads
Automotive and general purpose
power switching
Motors, lamps and solenoids
1.4 Quick reference data
BUK9614-55A
N-channel TrenchMOS logic level FET
Rev. 02 — 7 February 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
--55
V
ID
drain current
VGS =5V; Tmb =25°C;
see Figure 1; see Figure 3
--73
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
--149
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS =5V; ID =25 A; Tj =25°C;
see Figure 12; see Figure 13
-
1214m
VGS = 4.5 V; ID =25A;
Tj =25°C
--15
m
VGS =10V; ID =25A;
Tj =25°C
-11
13
m
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =73A; Vsup ≤ 55 V;
RGS =50 Ω; VGS =5V;
Tj(init) = 25 °C; unclamped
--230
mJ


Similar Part No. - BUK9614-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9614-55A PHILIPS-BUK9614-55A Datasheet
322Kb / 15P
   TrenchMOS logic level FET
Rev. 01-7 Feb 2001
logo
Inchange Semiconductor ...
BUK9614-55A ISC-BUK9614-55A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9614-55A NEXPERIA-BUK9614-55A Datasheet
774Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 7 February 2011
More results

Similar Description - BUK9614-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com