Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77646 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77646
Description  Multimode Multiband Power Amplifier Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77646 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77646 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77646 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203428D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 9, 2015
1
PRODUCT SUMMARY
SKY77646 Multimode Multiband Power Amplifier Module for
Quad-Band GSM/EDGE – Bands (1, 25, 3, 4, 26, 8, 13, 12, 20,
28, 34, and 39) WCDMA / HSDPA / HSUPA / HSPA+ / LTE
Applications
• Quad-band cellular handsets:
- Class 4 GSM850/EGSM900
- Class 1 DCS1800/PCS1900
- Class E2 GSM850/EGSM900/DCS1800/PCS1900
- Class 12 multi-slot EGPRS
• Multiband 3G handsets
• CDMA/ WCDMA/ HSDPA/ HSUPA/ TD-SCDMA/ LTE modulated
handsets for Bands 1, 25, 3, 4, 26, 8, 13, 12, 20, 28, 34, 39
Features
• Hybrid architecture: separate GSM, WCDMA paths
• 50 ohm input and output impedances, integrated DC blocking
on all ports
• Separate single-ended GSM and WCDMA inputs and outputs
• CMOS-compatible, two-wire MIPI logic inputs (SCLK, SDATA)
• VCC stages for 2.5G can attach to battery or buck DC/DC
• Low capacitance VCC interface for 3G/4G supports Envelope
Tracking compatibility
• Optimized Low Power Mode for ultra-low quiescent current
• Small, low profile package:
- 7 mm x 5 mm x 0.9 mm
- 42-pad configuration
2.5G FEATURES:
- EGPRS Class 12 multi-slot operation
- Four RF POUT control levels using RFFE interface
- Linear PA with bias optimization for efficiency/linearity trade-
off in 8-PSK mode
3G FEATURES:
- WCDMA mode supports output power, bandwidth for
bands 1, 25, 4, 34/39, 26, 8 (and sub-bands 9, 10, 25, 26)
through an integrated band-select switch
- Digital bias optimization through RFFE interface for best
efficiency/linearity tradeoff
- Optimized for envelope tracking system
4G FEATURES:
- Optimized for Envelope Tracking system
- LTE supports output power bandwidth bands 1, 25, 3, 4, 39,
26, 8, 20, 12, 17 (and sub-bands 9, 10, 18, 19)
- B4/12 and B3/8 carrier aggregation
- Flexible LB input configuration: any LB input for any band
Description
The SKY77646 hybrid, multimode multiband (MMMB) Power
Amplifier Module (PAM) supports 2.5G and 3G/4G handsets and
operates efficiently in GSM, EDGE (EGPRS), CDMA, WCDMA, TD-
SCDMA, and LTE modes. The PAM consists of a GSM800/EGSM
900 PA block, a DCS1800/PCS1900 PA block, separate
WCDMA/LTE blocks operating in low and mid bands, a logic
control block for multiple power control levels, and band enable
functions in both cellular and UMTS. RF I/O ports are internally
matched to 50
Ω to minimize the number of external
components. Extremely low leakage current maximizes handset
standby time. The InGaP/GaAs die and passive components are
mounted on a multi-layer laminate substrate and the assembly
encapsulated in plastic overmold.
GSM/ EDGE: The new compact architecture of the SKY77646
supports the GSM850, EGSM900, DCS1800, and PCS1900 bands,
2.5G Class 12 Enhanced General Packet Radio Service (EGPRS)
multi-slot operation, and EDGE linear modulation.
WCDMA: The enhanced SKY77646 architecture supports
WCDMA, High-Speed Downlink Packet Access (HSDPA), High-
Speed Uplink Packet Access (HSUPA), and LTE modulations. It
also covers multiple bands for 3GPP including bands 1, 25, 4, 26,
and 8; operates at different power modes. The module is fully
controllable via MIPI interface.
TD-SCDMA/TDD-LTE: The enhanced SKY77646 architecture
supports TD-SCDMA bands 34/39 and TDD-LTE band 39 through
ET or APT modes.
LTE: The SKY77646 meets the spectral linearity requirements of
LTE modulation with QPSK/16QAM up to 20 MHz bandwidth,
including various resource block allocations, with good power-
added efficiency


Similar Part No. - SKY77646

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77641 SKYWORKS-SKY77641 Datasheet
483Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77643-11 SKYWORKS-SKY77643-11 Datasheet
85Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77643-21 SKYWORKS-SKY77643-21 Datasheet
86Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77645-11 SKYWORKS-SKY77645-11 Datasheet
86Kb / 2P
   SkyLiTE Multimode Multiband Power Amplifier Module
SKY77645-21 SKYWORKS-SKY77645-21 Datasheet
86Kb / 2P
   SkyLiTE??Multimode Multiband Power Amplifier Module
More results

Similar Description - SKY77646

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77603 SKYWORKS-SKY77603 Datasheet
225Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77629-51 SKYWORKS-SKY77629-51 Datasheet
98Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77630 SKYWORKS-SKY77630 Datasheet
100Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77643-21 SKYWORKS-SKY77643-21 Datasheet
86Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77606 SKYWORKS-SKY77606 Datasheet
585Kb / 2P
   Multiband Multimode Power Amplifier Module
SKY77657-11 SKYWORKS-SKY77657-11 Datasheet
82Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77658-11 SKYWORKS-SKY77658-11 Datasheet
84Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77629 SKYWORKS-SKY77629 Datasheet
114Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77633 SKYWORKS-SKY77633 Datasheet
102Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77651-11 SKYWORKS-SKY77651-11 Datasheet
137Kb / 2P
   Multimode Multiband Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com