Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89424VZC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89424VZC
Description  5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89424VZC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89424VZC Datasheet HTML 1Page - Micrel Semiconductor SY89424VZC Datasheet HTML 2Page - Micrel Semiconductor SY89424VZC Datasheet HTML 3Page - Micrel Semiconductor SY89424VZC Datasheet HTML 4Page - Micrel Semiconductor SY89424VZC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ClockWorks™
SY89424V
Micrel
Odering
Package
Operating
Code
Type
Range
SY89424VZC
Z16-1
Commercial
SY89424VZCTR
Z16-1
Commercial
AC Coupled Load
CB2
=
10nF
±20%
RS
=
6.8 Ohm
±5%
RC
=
20 Ohm
±1%
RR
=
5 KOhm
±5%
ZO
=
20 Ohm
±2 Ohm
APPLICATION
+
VEE
On chip pulldown resistor
provides 25mA (40mA at 5V
VCC) of driver current.
VTERM = 2.5V
ZO
Clock Interface
RS
CB2
RR
To clock
inputs
VEE = GND
RC
PRODUCT ORDERING CODE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
tJIT
Jitter
——
10
ps
RMS
PPW
Duty Cycle
45%
50%
55%
<500MHz
tr
Output Rise/Fall Time
100
300
500
ps
tf
(20% to 80%)
100
300
500
AC ELECTRICAL CHARACTERISTICS
VCC = VCCQ = VCCO = 3.0V to 5.25V


Similar Part No. - SY89424VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89420 MICREL-SY89420 Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJC MICREL-SY89420VJC Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJCTR MICREL-SY89420VJCTR Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - SY89424VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Maxim Integrated Produc...
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com