Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77752 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77752
Description  Dual-Band Power Amplifier Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77752 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77752 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77752 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201823B • Skyworks Proprietary information. • Products and product information are subject to change without notice. • August 15, 2013
1
PRODUCT SUMMARY
SKY77752 SkyHi™ Dual-Band Power Amplifier Module for
CDMA2000 / WCDMA / HSDPA / HSUPA
Band II (1850–1910 MHz) Band V (824–849 MHz), LTE
APPLICATIONS
• WCDMA handsets
• HSDPA
• HSUPA
• CDMA2000
• EVDO
• LTE
Features
• Low voltage positive bias
supply: 3.2 V to 4.2 V
• Good linearity
• High efficiency
- Band II
47% at 28.3 dBm
- Band V
47% at 28.5 dBm
• Large dynamic range
• Small, low profile package
- 3 mm x 4 mm x 0.9 mm
- 16-pad configuration
• Power down control
• InGaP
• Supports low collector
voltage operation
• Digital Enable
• No VREF required
• CMOS compatible control
signals
• Integrated Directional
Coupler
The SKY77752 SkyHi™ Power Amplifier Module (PAM) is a fully matched, 16-pad, surface mount
module developed for Code Division Multiple Access (CDMA) and Wideband Code Division Multiple
Access (WCDMA) applications. This small and efficient module packs full WCDMA Band II and Band V
coverage into a single compact package. The SKY77752 meets the stringent spectral linearity
requirements of WCDMA transmission, with high power added efficiency for power output to 28.8
dBm (Band II) and 28.2 dBm (Band V). The SKY77752 meets the stringent spectral linearity
requirements of High Speed Downlink Packet Access (HSDPA) data transmission with high power
added efficiency. A directional coupler is integrated into the module thus eliminating the need for any
external coupler.
The single Gallium Arsenide (GaAs) Microwave Monolithic Integrated Circuit (MMIC) contains all active
circuitry in the module. The MMIC contains on-board bias circuitry, as well as input and interstage
matching circuits. Output match into a 50-ohm load is realized off-chip within the module package to
optimize efficiency and power performance.
The SKY77752 PAM is manufactured with Skyworks’ InGaP GaAs Heterojunction Bipolar Transistor
(HBT) BiFET process that provides for all positive voltage DC supply operation while maintaining high
efficiency and good linearity. No VREF voltage is required. Power down is accomplished by setting the
voltage on VEN_HB and VEN_LB to zero volts. No external supply side switch is needed as typical
“off” leakage is a few microamperes with full primary voltage supplied from the battery.
Figure 1. SKY77752 Functional Block Diagram


Similar Part No. - SKY77752

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77751-12 SKYWORKS-SKY77751-12 Datasheet
78Kb / 2P
   Low voltage positive bias supply
SKY77753 SKYWORKS-SKY77753 Datasheet
80Kb / 2P
   Power Amplifier Module for Penta-Band FDD LTE
SKY77754-11 SKYWORKS-SKY77754-11 Datasheet
77Kb / 2P
   Power Amplifier Module for Penta-Band
SKY77757-11 SKYWORKS-SKY77757-11 Datasheet
83Kb / 2P
   SkyLiTE??Multimode Multiband Power Amplifier Module
SKY77758 SKYWORKS-SKY77758 Datasheet
75Kb / 2P
   Broadband Power Amplifier Module
More results

Similar Description - SKY77752

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77742 SKYWORKS-SKY77742 Datasheet
505Kb / 2P
   Dual-Band Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6752 AVAGO-AJAV-6752 Datasheet
168Kb / 3P
   Dual-Band Power Amplifier Module
AJAV-6751 AVAGO-AJAV-6751 Datasheet
164Kb / 3P
   Dual-Band Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77741 SKYWORKS-SKY77741 Datasheet
129Kb / 2P
   Dual-Band Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6781 AVAGO-AJAV-6781 Datasheet
172Kb / 3P
   Dual-Band Power Amplifier Module
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
   3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
Agilent(Hewlett-Packard...
QCPM-9801 HP-QCPM-9801 Datasheet
113Kb / 6P
   PCS/AMPS Dual-Band Dual-Mode Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77830 SKYWORKS-SKY77830 Datasheet
125Kb / 2P
   Dual-Band Power Amplifier Module for TDD LTE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com