Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D1-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D1-Q1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2000D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 9Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 10Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 11Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 12Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 13Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0 V
−5 V
+5 V
Current
OUTP
OUTN
Differential
Voltage
Across
Load
0 V
−5 V
+5 V
Current
OUTP
OUTN
Differential
Voltage
Across
Load
Output = 0 V
Output > 0 V
Efficiency: Why Use a Filter With the Traditional Class-D Modulation Scheme
Effects of Applying a Square Wave Into a Speaker
TPA2000D1-Q1
SGLS137E – SEPTEMBER 2002 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
Figure 10. The TPA2000D1 Output Voltage and Current Waveforms Into an Inductive Load
The main reason that the traditional class-D amplifier needs an output filter is that the switching waveform results
in maximum current flow. This causes more loss in the load, which causes lower efficiency. The ripple current is
large for the traditional modulation scheme because the ripple current is proportional to voltage multiplied by the
time at that voltage. The differential voltage swing is 2 × VDD, and the time at each voltage is half the period for
the traditional modulation scheme. An ideal LC filter is needed to store the ripple current from each half cycle for
the next half cycle, while any resistance causes power dissipation. The speaker is both resistive and reactive,
whereas an LC filter is almost purely reactive.
The TPA2000D1 modulation scheme has little loss in the load without a filter because the pulses are short and
the change in voltage is VDD instead of 2 × VDD. As the output power increases, the pulses widen making the
ripple current larger. Ripple current could be filtered with an LC filter for increased efficiency, but for most
applications, the filter is not needed.
An LC filter with a cut-off frequency less than the class-D switching frequency allows the switching current to flow
through the filter instead of the load. The filter has less resistance than the speaker that results in less power
dissipated, which increases efficiency.
Audio specialists have advised for years not to apply a square wave to speakers. If the amplitude of the
waveform is high enough and the frequency of the square wave is within the bandwidth of the speaker, the
square wave could cause the voice coil to jump out of the air gap and/or scar the voice coil. A 250-kHz switching
frequency, however, is not significant because the speaker cone movement is proportional to 1/f2 for frequencies
beyond the audio band. Therefore, the amount of cone movement at the switching frequency is small. However,
10
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2000D1-Q1


Similar Part No. - TPA2000D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com