Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89430VJC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89430VJC
Description  5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89430VJC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89430VJC Datasheet HTML 1Page - Micrel Semiconductor SY89430VJC Datasheet HTML 2Page - Micrel Semiconductor SY89430VJC Datasheet HTML 3Page - Micrel Semiconductor SY89430VJC Datasheet HTML 4Page - Micrel Semiconductor SY89430VJC Datasheet HTML 5Page - Micrel Semiconductor SY89430VJC Datasheet HTML 6Page - Micrel Semiconductor SY89430VJC Datasheet HTML 7Page - Micrel Semiconductor SY89430VJC Datasheet HTML 8Page - Micrel Semiconductor SY89430VJC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The SY89430V is a general purpose, synthesized clock
source targeting applications that require both serial and
parallel interfaces. Its internal VCO will operate over a
range of frequencies from 400MHz to 950MHz. The
differential PECL output can be configured to be the VCO
frequency divided by 1, 2, 4 or 8. With the output configured
to divide the VCO frequency by 2, and with a 16MHz
external quartz crystal used to provide the reference
frequency, the output frequency can be specified in 1MHz
steps.
FEATURES
DESCRIPTION
ClockWorks™
SY89430V
5V/3.3V PROGRAMMABLE
FREQUENCY SYNTHESIZER
(50MHz to 950MHz)
s 5V and 3.3V power supply options
s 50MHz to 950MHz differential PECL outputs
s
±25ps peak-to-peak output jitter
s Minimal frequency over-shoot
s Synthesized architecture
s Serial 3 wire interface
s Parallel interface for power-on
s Internal quartz reference oscillator driven by quartz
crystal
s External loop filter optimizes performance/cost
s Applications note (AN-07) for ease of design-ins
s Available in 28-pin PLCC and SOIC packages
PIN CONFIGURATION
APPLICATIONS
s Workstations
s Advanced communications
s High end consumer
s High-performance computing
s RISC CPU clock
s Graphics pixel clock
s Test equipment
s Other high-performance processor-based
applications
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21
20 19
5
6789
10 11
VCC_QUIET
XTAL1
S_CLOCK
S_DATA
LOOP_REF
S_LOAD
LOOP _FILTER
M[8]
M[4]
M[7]
M[5]
N[1]
M[6]
N[0]
PLCC
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
28
26
25
24
23
22
21
20
19
18
17
16
15
M[0]
M[1]
M[2]
M[3]
M[4]
M[5]
M[6]
M[7]
M[8]
N[0]
N[1]
GND (TTL)
TEST
VCC (TTL)
P_LOAD
VCC1
XTAL2
XTAL1
LOOP_REF
LOOP_FILTER
VCC_QUIET
S_LOAD
S_DATA
S_CLOCK
VCC_OUT
FOUT
FOUT
GND
TOP VIEW
SOIC
Z28-1
1
Rev.: E
Amendment: /0
Issue Date:
May 2000


Similar Part No. - SY89430VJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430VJC MICREL-SY89430VJC Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VJCTR MICREL-SY89430VJCTR Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
More results

Similar Description - SY89430VJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89424V MICREL-SY89424V Datasheet
75Kb / 5P
   5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com