Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU3553 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU3553
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3553 Datasheet(HTML) 4 Page - New Japan Radio

  NJU3553 Datasheet HTML 1Page - New Japan Radio NJU3553 Datasheet HTML 2Page - New Japan Radio NJU3553 Datasheet HTML 3Page - New Japan Radio NJU3553 Datasheet HTML 4Page - New Japan Radio NJU3553 Datasheet HTML 5Page - New Japan Radio NJU3553 Datasheet HTML 6Page - New Japan Radio NJU3553 Datasheet HTML 7Page - New Japan Radio NJU3553 Datasheet HTML 8Page - New Japan Radio NJU3553 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NJU3553
- 4 -
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +7.0
V
Input Voltage
VIN
-0.3 ~ VDD + 0.3
V
Output Voltage
VOUT
-0.3 ~ VDD + 0.3
V
Analog Supply Voltage
AVDD
-0.3 ~ VDD + 0.3
V
Analog Reference Voltage
VREF
-0.3 ~ AVDD + 0.3
V
Analog Input Voltage
AIN0 ~ AIN5
-0.3 ~ AVDD + 0.3
V
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-55 ~ +125
°C
Note)
The difference of electrical characteristics between NJU3553 (OTP version) and NJU3503
(MASK version)
NJU3503
NJU3553
Supply Voltage (VDD) MIN.
2.4V
2.7V
Supply Current
5V
(IDD1) Max.
1.2mA
30mA
(IDD2) Max.
1.2mA
30mA
(IDD3) Max.
1.6mA
30mA
(IDD4) Max.
3.6mA
30mA
(IDD5) Max.
4.0
µA
20
µA
3V
(IDD1) Max.
0.5mA
20mA
(IDD2) Max.
0.5mA
20mA
(IDD3) Max.
0.6mA
20mA
(IDD4) Max.
1.0mA
20mA
(IDD5) Max.
2.0
µA
20
µA


Similar Part No. - NJU3553

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551D NJRC-NJU3551D Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551G NJRC-NJU3551G Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552L NJRC-NJU3552L Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
More results

Similar Description - NJU3553

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3151 NJRC-NJU3151 Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3152 NJRC-NJU3152 Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com