Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2038D1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA2038D1
Description  3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2038D1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2038D1_15 Datasheet HTML 7Page - Texas Instruments TPA2038D1_15 Datasheet HTML 8Page - Texas Instruments TPA2038D1_15 Datasheet HTML 9Page - Texas Instruments TPA2038D1_15 Datasheet HTML 10Page - Texas Instruments TPA2038D1_15 Datasheet HTML 11Page - Texas Instruments TPA2038D1_15 Datasheet HTML 12Page - Texas Instruments TPA2038D1_15 Datasheet HTML 13Page - Texas Instruments TPA2038D1_15 Datasheet HTML 14Page - Texas Instruments TPA2038D1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 217 Hz
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
CI = 2 µF
RL = 8 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 8 Ω + 33 µH
Gain = 12 dB
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 4 Ω + 33 µH
Gain = 12 dB
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 4 Ω + 33 µH
Gain = 6 dB
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 217 Hz
Gain = 12 dB
TPA2038D1
www.ti.com
SLOS697A – AUGUST 2011 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS (continued)
PVDD = VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs FREQUENCY (6 dB GAIN)
vs COMMON MODE INPUT VOLTAGE
Figure 30.
Figure 31.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs FREQUENCY (12 dB GAIN)
vs FREQUENCY (12 dB GAIN)
Figure 32.
Figure 33.
COMMON MODE REJECTION RATIO
COMMON MODE REJECTION RATIO
vs COMMON MODE INPUT VOLTAGE (6 dB GAIN)
vs FREQUENCY (6 dB GAIN)
Figure 34.
Figure 35.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links : TPA2038D1


Similar Part No. - TPA2038D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1YFFR TI1-TPA2038D1YFFR Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1YFFT TI1-TPA2038D1YFFT Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2038D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com