Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA128EP Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA128EP
Description  128K I 2 C ??CMOS Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA128EP Datasheet(HTML) 3 Page - Microchip Technology

  24AA128EP Datasheet HTML 1Page - Microchip Technology 24AA128EP Datasheet HTML 2Page - Microchip Technology 24AA128EP Datasheet HTML 3Page - Microchip Technology 24AA128EP Datasheet HTML 4Page - Microchip Technology 24AA128EP Datasheet HTML 5Page - Microchip Technology 24AA128EP Datasheet HTML 6Page - Microchip Technology 24AA128EP Datasheet HTML 7Page - Microchip Technology 24AA128EP Datasheet HTML 8Page - Microchip Technology 24AA128EP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1998 Microchip Technology Inc.
DS21191B-page 3
24AA128/24LC128
TABLE 1-3
AC CHARACTERISTICS
All parameters apply across the spec-
ified operating ranges unless other-
wise noted.
Industrial (I):
VCC = +1.8V to 5.5V
Tamb = -40
°C to +85°C
Automotive (E): VCC = +4.5V to 5.5V
Tamb = -40
°C to 125°C
Parameter
Symbol
Min
Max
Units
Conditions
Clock frequency
FCLK
100
100
400
kHz
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
Clock high time
THIGH
4000
4000
600
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
Clock low time
TLOW
4700
4700
1300
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
SDA and SCL rise time
(Note 1)
TR
1000
1000
300
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
SDA and SCL fall time
TF
300
ns
(Note 1)
START condition hold time
THD:STA
4000
4000
600
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
START condition setup time
TSU:STA
4700
4700
600
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
Data input hold time
THD:DAT
0
ns
(Note 2)
Data input setup time
TSU:DAT
250
250
100
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
STOP condition setup time
TSU:STO
4000
4000
600
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
WP setup time
TSU:WP
4000
4000
600
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
WP hold time
THD:WP
4700
4700
1300
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
Output valid from clock
(Note 2)
TAA
3500
3500
900
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
Bus free time: Time the bus must be
free before a new transmission can
start
TBUF
4700
4700
1300
ns
4.5V
≤ VCC ≤ 5.5V (E Temp range)
1.8V
≤ VCC ≤ 2.5V
2.5V
≤ VCC ≤ 5.5V
Output fall time from VIH
minimum to VIL maximum
TOF
10
250
ns
CB ≤ 100 pF (Note 1)
Input filter spike suppression
(SDA and SCL pins)
TSP
50
ns
(Notes 1 and 3)
Write cycle time (byte or page)
TWC
—5
ms
Endurance
1M
cycles
25
°C, VCC = 5.0V, Block Mode (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved noise spike
suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please
consult the Total Endurance Model which can be obtained on Microchip’s BBS or website.


Similar Part No. - 24AA128EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24AA128 MICROCHIP-24AA128 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
24AA128 MICROCHIP-24AA128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128 Datasheet
361Kb / 26P
   128K I2C CMOS Serial EEPROM
12/08/06
24AA128 MICROCHIP-24AA128 Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
More results

Similar Description - 24AA128EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
   256K I 2 C CMOS Serial EEPROM
1998
24AA64 MICROCHIP-24AA64 Datasheet
215Kb / 12P
   64K I 2 C ??CMOS Serial EEPROM
2007
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com