Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3123D2 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA3123D2
Description  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3123D2 Datasheet(HTML) 2 Page - Texas Instruments

  TPA3123D2_15 Datasheet HTML 1Page - Texas Instruments TPA3123D2_15 Datasheet HTML 2Page - Texas Instruments TPA3123D2_15 Datasheet HTML 3Page - Texas Instruments TPA3123D2_15 Datasheet HTML 4Page - Texas Instruments TPA3123D2_15 Datasheet HTML 5Page - Texas Instruments TPA3123D2_15 Datasheet HTML 6Page - Texas Instruments TPA3123D2_15 Datasheet HTML 7Page - Texas Instruments TPA3123D2_15 Datasheet HTML 8Page - Texas Instruments TPA3123D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PVCCL
SD
PVCCL
MUTE
LIN
RIN
BYPASS
AGND
AGND
PVCCR
VCLAMP
PVCCR
PGNDL
PGNDL
LOUT
BSL
AVCC
AVCC
GAIN0
GAIN1
BSR
ROUT
PGNDR
PGNDR
TPA3123D2
SLOS541C – JULY 2007 – REVISED AUGUST 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PWP (TSSOP) PACKAGE
(TOP VIEW)
Table 1. PIN FUNCTIONS
PIN
I/O/P
DESCRIPTION
24-PIN
NAME
(PWP)
Shutdown signal for IC (low = disabled, high = operational). TTL logic levels with compliance to
SD
2
I
AVCC
RIN
6
I
Audio input for right channel
LIN
5
I
Audio input for left channel
GAIN0
18
I
Gain select least-significant bit. TTL logic levels with compliance to AVCC
GAIN1
17
I
Gain select most-significant bit. TTL logic levels with compliance to AVCC
Mute signal for quick disable/enable of outputs (high = outputs switch at 50% duty cycle, low =
MUTE
4
I
outputs enabled). TTL logic levels with compliance to AVCC
BSL
21
I/O
Bootstrap I/O for left channel
PVCCL
1, 3
P
Power supply for left-channel H-bridge, not internally connected to PVCCR or AVCC
LOUT
22
O
Class-D 1/2-H-bridge positive output for left channel
PGNDL
23, 24
P
Power ground for left-channel H-bridge
VCLAMP
11
P
Internally generated voltage supply for bootstrap capacitors
BSR
16
I/O
Bootstrap I/O for right channel
ROUT
15
O
Class-D 1/2-H-bridge negative output for right channel
PGNDR
13, 14
P
Power ground for right-channel H-bridge.
PVCCR
10, 12
P
Power supply for right-channel H-bridge, not connected to PVCCL or AVCC
AGND
9
P
Analog ground for digital/analog cells in core
AGND
8
P
Analog ground for analog cells in core
Reference for preamplifier inputs. Nominally equal to AVCC/8. Also controls start-up time via
BYPASS
7
O
external capacitor sizing.
AVCC
19, 20
P
High-voltage analog power supply. Not internally connected to PVCCR or PVCCL
Connect to ground. Thermal pad should be soldered down on all applications to secure the
Thermal pad
Die pad
P
device properly to the printed wiring board.
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPA3123D2


Similar Part No. - TPA3123D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3123D2PWP TI-TPA3123D2PWP Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWP TI-TPA3123D2PWP Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3123D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com