Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C01B Datasheet(PDF) 5 Page - Microchip Technology

Part # 24C01B
Description  1K/2K 5.0V I 2 C ??Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01B Datasheet(HTML) 5 Page - Microchip Technology

  24C01B Datasheet HTML 1Page - Microchip Technology 24C01B Datasheet HTML 2Page - Microchip Technology 24C01B Datasheet HTML 3Page - Microchip Technology 24C01B Datasheet HTML 4Page - Microchip Technology 24C01B Datasheet HTML 5Page - Microchip Technology 24C01B Datasheet HTML 6Page - Microchip Technology 24C01B Datasheet HTML 7Page - Microchip Technology 24C01B Datasheet HTML 8Page - Microchip Technology 24C01B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
24C01B/02B
© 1997 Microchip Technology Inc.
Preliminary
DS21233A-page 5
3.6
Device Address
After generating a START condition, the bus master
transmits the slave address consisting of a 4-bit device
code (1010) for the 24C01B/02B, followed by three
don't care bits.
The eighth bit of slave address determines if the master
device wants to read or write to the 24C01B/02B
(Figure 3-2).
The 24C01B/02B monitors the bus for its correspond-
ing slave address all the time. It generates an acknowl-
edge bit if the slave address was true and it is not in a
programming mode.
FIGURE 3-2:
CONTROL BYTE
ALLOCATION
4.0
WRITE OPERATION
4.1
Byte Write
Following the start signal from the master, the device
code (4 bits), the don't care bits (3 bits), and the R/W
bit which is a logic low is placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will follow
after it has generated an acknowledge bit during the
ninth clock cycle. Therefore the next byte transmitted
by the master is the word address and will be written
into the address pointer of the 24C01B/02B.
After
receiving
another
acknowledge
signal
from
the
24C01B/02B the master device will transmit the data
word to be written into the addressed memory location.
The 24C01B/02B acknowledges again and the master
generates a stop condition. This initiates the internal
write cycle, and during this time the 24C01B/02B will
not generate acknowledge signals (Figure 4-1).
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24C01B/02B in the same
way as in a byte write. But instead of generating a stop
condition the master transmits up to eight data bytes to
the 24C01B/02B which are temporarily stored in the
on-chip page buffer and will be written into the memory
after the master has transmitted a stop condition. After
the receipt of each word, the three lower order address
pointer bits are internally incremented by one. The
higher order five bits of the word address remains con-
stant. If the master should transmit more than eight
words prior to generating the stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the stop condition is received an inter-
nal write cycle will begin (Figure 4-2).
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE
Operation
Control
Code
Chip
Select
R/W
Read
Write
1010
1010
XXX
XXX
1
0
X = Don’t care
R/W
A
1
0
10XX
X
READ/WRITE
START
SLAVE ADDRESS
S
P
S
T
A
R
T
S
T
O
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
A
C
K
A
C
K
CONTROL
BYTE
WORD
ADDRESS
DATA
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS (n)
DATA n
DATAn + 7
DATAn + 1
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K


Similar Part No. - 24C01B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B-E/P MICROCHIP-24C01B-E/P Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24C01B-E/SN MICROCHIP-24C01B-E/SN Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24C01BT-E/P MICROCHIP-24C01BT-E/P Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24C01BT-E/SN MICROCHIP-24C01BT-E/SN Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
More results

Similar Description - 24C01B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
   1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
   4K 5.0V I 2 C ??Serial EEPROM
2004
24LC024 MICROCHIP-24LC024 Datasheet
163Kb / 12P
   2K 2.5V I 2 C ??Serial EEPROM
1997
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com