Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C02SC Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C02SC
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02SC Datasheet(HTML) 4 Page - Microchip Technology

  24C02SC Datasheet HTML 1Page - Microchip Technology 24C02SC Datasheet HTML 2Page - Microchip Technology 24C02SC Datasheet HTML 3Page - Microchip Technology 24C02SC Datasheet HTML 4Page - Microchip Technology 24C02SC Datasheet HTML 5Page - Microchip Technology 24C02SC Datasheet HTML 6Page - Microchip Technology 24C02SC Datasheet HTML 7Page - Microchip Technology 24C02SC Datasheet HTML 8Page - Microchip Technology 24C02SC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
24C01SC/02SC
DS21170A-page 4
Preliminary
© 1996 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24C01SC/02SC supports a bi-directional two-wire
bus and data transmission protocol. A device that
sends data onto the bus is defined as transmitter, and
a device receiving data as receiver. The bus has to be
controlled by a master device which generates the
serial clock (SCL), controls the bus access, and gener-
ates the START and STOP conditions, while the
24C01SC/02SC works as slave. Both master and slave
can operate as transmitter or receiver, but the master
device determines which mode is activated.
3.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus is
not busy.
• During data transfer, the data line must remain
stable whenever the clock line is HIGH. Changes
in the data line while the clock line is HIGH will be
interpreted as a START or STOP condition.
Accordingly, the following bus conditions have been
defined (Figure 3-1).
3.1
Bus not Busy (A)
Both data and clock lines remain HIGH.
3.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition. All
commands must be preceded by a START condition.
3.3
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition. All
operations must be ended with a STOP condition.
3.4
Data Valid (D)
The state of the data line represents valid data when,
after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number of
the data bytes transferred between the START and
STOP conditions is determined by the master device
and is theoretically unlimited, although only the last 16
will be stored when doing a write operation. When an
overwrite does occur, it will replace data in a first in first
out fashion.
3.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this acknowledge bit.
The device that acknowledges has to pull down the
SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH
period of the acknowledge related clock pulse.
Of
course, setup and hold times must be taken into
account. A master must signal an end of data to the
slave by not generating an acknowledge bit on the last
byte that has been clocked out of the slave. In this case,
the slave must leave the data line HIGH to enable the
master to generate the STOP condition.
Note:
The 24C01SC/02SC does not generate
any acknowledge bits if an internal pro-
gramming cycle is in progress.
FIGURE 3-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
SCL
SDA
(A)
(B)
(D)
(D)
(C)
(A)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION


Similar Part No. - 24C02SC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02SC MICROCHIP-24C02SC Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/S MICROCHIP-24C02SC-/S Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/S08 MICROCHIP-24C02SC-/S08 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/W MICROCHIP-24C02SC-/W Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/W08 MICROCHIP-24C02SC-/W08 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
More results

Similar Description - 24C02SC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
   1K 5.0V I2C??Serial EEPROM
1997-2012
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
   1K 5.0V I2C??Serial EEPROM
2008
24C01C MICROCHIP-24C01C_07 Datasheet
385Kb / 24P
   1K 5.0V I2C ??Serial EEPROM
2007
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
   2K 5.0V I2C Serial EEPROM
01/02/08
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02C MICROCHIP-24C02C_08 Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02C MICROCHIP-24C02C_07 Datasheet
394Kb / 24P
   2K 5.0V I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com