Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU3555 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU3555
Description  4-BIT SINGLE CHIP OTP MICRO CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3555 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU3555 Datasheet HTML 5Page - New Japan Radio NJU3555 Datasheet HTML 6Page - New Japan Radio NJU3555 Datasheet HTML 7Page - New Japan Radio NJU3555 Datasheet HTML 8Page - New Japan Radio NJU3555 Datasheet HTML 9Page - New Japan Radio NJU3555 Datasheet HTML 10Page - New Japan Radio NJU3555 Datasheet HTML 11Page - New Japan Radio NJU3555 Datasheet HTML 12Page - New Japan Radio NJU3555 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NJU3555
- 9 -
s ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
2-1
(VDD=2.7~3.6V, VSS=0V, Ta=-20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT NOTE
Supply Voltage
VDD
VDD
2.7
3.6
V
IDD1
VDD
VDD=3V, fOSC=1MHz
X’tal Oscillation in Reset
20
mA
*3
IDD2
VDD
VDD=3V, fOSC=1MHz
Ceramic Oscillation in Reset
20
mA
*3
IDD3
VDD
VDD=3V, fOSC=1MHz
CR Oscillation in Reset
20
mA
*3
IDD4
VDD
VDD=3V, fOSC=2MHz
Operating (Except ADC)
20
mA
*3
IDD5
VDD
VDD=3V, STANDBY Mode
20
µA
*3
Supply Current
IADD
AVDD
AVDD=VDD=3V, ADCK=225kHz
2.5
3.5
mA
*3
VIH1
AIN4/PA0~AIN7/PA3, PB0~PB3,
PC0, PC1, PD0~PD3, PE0~PE3,
AIN0/PI0~AIN3/PI3, SDI(O)/PL1,
SCK/CKOUT
0.8VDD
VDD
V
*1
VIH2
PF0~PF2, PG0, PG1, PH0, PH1,
VREF/PJ0, ADCK/PJ1, EXTI/PK0,
CNTI/PK1, RESET
0.85VDD
VDD
V
*1
High-Level
Input Current
VIH3
OSC1
VDD-0.3
VDD
V
VIL1
AIN4/PA0~AIN7/PA3, PB0~PB3,
PC0, PC1, PD0~PD3, PE0~PE3,
AIN0/PI0~AIN3/PI3, SDI(O)/PL1,
SCK/CKOUT
0
0.2VDD
V
*1
VIL2
PF0~PF2, PG0, PG1, PH0, PH1,
VREF/PJ0, ADCK/PJ1, EXTI/PK0,
CNTI/PK1, RESET
0
0.15VDD
V
*1
Low-Level
Input Voltage
VIL3
OSC1
0
0.3
V
*1 Input/output port is set as an Input terminal.
*2 Input/output port is set as an Output terminal.
*3 Except the current through Pull-up resister.


Similar Part No. - NJU3555

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551D NJRC-NJU3551D Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551G NJRC-NJU3551G Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552L NJRC-NJU3552L Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
More results

Similar Description - NJU3555

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3151 NJRC-NJU3151 Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3152 NJRC-NJU3152 Datasheet
129Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com