Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C02C-SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C02C-SN
Description  2K 5.0V I 2 C ??Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02C-SN Datasheet(HTML) 4 Page - Microchip Technology

  24C02C-SN Datasheet HTML 1Page - Microchip Technology 24C02C-SN Datasheet HTML 2Page - Microchip Technology 24C02C-SN Datasheet HTML 3Page - Microchip Technology 24C02C-SN Datasheet HTML 4Page - Microchip Technology 24C02C-SN Datasheet HTML 5Page - Microchip Technology 24C02C-SN Datasheet HTML 6Page - Microchip Technology 24C02C-SN Datasheet HTML 7Page - Microchip Technology 24C02C-SN Datasheet HTML 8Page - Microchip Technology 24C02C-SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
24C02C
DS21202A-page 4
Preliminary
© 1997 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
2.1
SDA Serial Data
This is a bi-directional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are reserved
for indicating the START and STOP conditions.
2.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
2.3
A0, A1, A2
The levels on these inputs are compared with the cor-
responding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 24C02C devices may be connected to the
same bus by using different chip select bit combina-
tions. These inputs must be connected to either VCC or
VSS.
2.4
WP
This is the hardware write protect pin. It must be tied to
VCC or VSS. If tied to Vcc, the hardware write protection
is enabled. If the WP pin is tied to Vss the hardware
write protection is disabled.
2.5
Noise Protection
The 24C02C employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 3.8 volts at nominal conditions.
The SCL and SDA inputs have Schmitt trigger and filter
circuits which suppress noise spikes to assure proper
device operation even on a noisy bus.
3.0
FUNCTIONAL DESCRIPTION
The 24C02C supports a bi-directional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus has to be controlled
by a master device which generates the serial clock
(SCL), controls the bus access, and generates the
START and STOP conditions, while the 24C02C works
as slave. Both master and slave can operate as trans-
mitter or receiver but the master device determines
which mode is activated.


Similar Part No. - 24C02C-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02C-E/MC MICROCHIP-24C02C-E/MC Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/MNY MICROCHIP-24C02C-E/MNY Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/MS MICROCHIP-24C02C-E/MS Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/P MICROCHIP-24C02C-E/P Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/SN MICROCHIP-24C02C-E/SN Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
More results

Similar Description - 24C02C-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
   4K 5.0V I 2 C ??Serial EEPROM
2004
24LC024 MICROCHIP-24LC024 Datasheet
163Kb / 12P
   2K 2.5V I 2 C ??Serial EEPROM
1997
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
   32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
   2K 5.0V I2C Serial EEPROM
01/02/08
24C02C MICROCHIP-24C02C_08 Datasheet
523Kb / 30P
   2K 5.0V I2C??Serial EEPROM
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com