Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C08B-EP Datasheet(PDF) 10 Page - Microchip Technology

Part # 24C08B-EP
Description  8K/16K 5.0V I 2 C O Serial EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C08B-EP Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24C08B-EP Datasheet HTML 4Page - Microchip Technology 24C08B-EP Datasheet HTML 5Page - Microchip Technology 24C08B-EP Datasheet HTML 6Page - Microchip Technology 24C08B-EP Datasheet HTML 7Page - Microchip Technology 24C08B-EP Datasheet HTML 8Page - Microchip Technology 24C08B-EP Datasheet HTML 9Page - Microchip Technology 24C08B-EP Datasheet HTML 10Page - Microchip Technology 24C08B-EP Datasheet HTML 11Page - Microchip Technology 24C08B-EP Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24C08B/16B
DS21081D-page 10
© 1996 Microchip Technology Inc.
NOTES:


Similar Part No. - 24C08B-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C08 STMICROELECTRONICS-24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
logo
List of Unclassifed Man...
24C08 ETC1-24C08 Datasheet
45Kb / 8P
   CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C08 ESTEK-24C08 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C08 TGS-24C08 Datasheet
399Kb / 15P
   Two-wire Serial EEPROM
logo
ATMEL Corporation
24C08 ATMEL-24C08 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - 24C08B-EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
   16K 2.5V I 2 C O Serial EEPROM
2007
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
   16K 1.8V I 2 C O Serial EEPROM
1996
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
10/26/12
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com