Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG226L Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # LG226L
Description  PWB direct mount type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

LG226L Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  LG226L Datasheet HTML 1Page - KODENSHI_AUK CORP. LG226L Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOINTERRUPTER
フォトインタラプタ
0
0
100
50
150
200
(mW)
20
40
60
80
100
(℃)
周囲温度 Ta
Ambient Temperature
出力トランジスタ許容損失/
 周囲温度 PO/Ta
0
0
50
100
0.5
1.0
1.5
2.0
(mA)
(V)
順電流/順電圧特性 IF/VF
順電圧 VF
Forward Voltage
4
0
0.5
1.0
812
16
(V)
0
相対スレッシュホールド入力電流/
 電源電圧特性 IFLH,IFHL/Vcc
電源電圧 Vcc
Supply Voltage
IFHL
IFLH
0
0
0.5
1.0
25
50
75
(℃)
-25
相対スレッシュホールド入力電流/
 周囲温度特性 IFLH,IFHL/Ta 
周囲温度 Ta
Ambient Temperature
IFHL
IFLH
ローレベル出力電圧/
 ローレベル出力電流特性 VOL/IOL
ローレベル出力電流 IOL
Low Level Output Current
10
0
10
ー1
10
1
10 0
10
2
10
3
(mV)
10
1
10
2
(mA)
LG226L
外形寸法 DIMENSIONS(Unit : mm)
2×□0.45
(0.8)
0.4
11
2
(2.54)
C0.65
0.15
Optical Center
Cathode
Anode
GND
Vout
Vcc
Reg.
TOP VIEW
3×□0.45
(2)(2)
(7.4)
10.2
Anode Mark
2×φ0.7
+0.3
-0
±0.05
±0.15
±0.07
Jun.2014
問い合わせ先/A REFERENCE
営業推進センター(西日本)/SALES(WEST)
営業推進センター(東日本)/SALES(EAST)
TEL 0774-20-3559 FAX 0774-24-1031
TEL 03-6455-0280 FAX 03-3461-1566
URL http://www.kodenshi.co.jp
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
Vcc=5V
Ta=25℃
Ta=25℃
Ta=25℃
Vcc=5V


Similar Part No. - LG226L

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG22040-PF LIGITEK-LG22040-PF Datasheet
151Kb / 6P
   ROUND TYPE LED LAMPS
logo
KODENSHI_AUK CORP.
LG220D KODENSHI-LG220D Datasheet
147Kb / 2P
   PWB direct mount type
logo
Seoul Semiconductor
LG220Z SEOUL-LG220Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LG221 SEOUL-LG221 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LG221 SEOUL-LG221 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Similar Description - LG226L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
   PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
   PWB direct mount type
SG288 KODENSHI-SG288 Datasheet
263Kb / 2P
   PWB direct mount type
SG2C11 KODENSHI-SG2C11 Datasheet
154Kb / 2P
   PWB direct mount type
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
   PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
   PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
   PWB direct mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com