Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24FC32 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24FC32
Description  32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC32 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24FC32 Datasheet HTML 4Page - Microchip Technology 24FC32 Datasheet HTML 5Page - Microchip Technology 24FC32 Datasheet HTML 6Page - Microchip Technology 24FC32 Datasheet HTML 7Page - Microchip Technology 24FC32 Datasheet HTML 8Page - Microchip Technology 24FC32 Datasheet HTML 9Page - Microchip Technology 24FC32 Datasheet HTML 10Page - Microchip Technology 24FC32 Datasheet HTML 11Page - Microchip Technology 24FC32 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24FC32
DS21126B-page 3-10
© 1996 Microchip Technology Inc.
FIGURE 7-1:
CACHE WRITE TO THE ARRAY STARTING AT A PAGE BOUNDARY
FIGURE 7-2:
CACHE WRITE TO THE ARRAY STARTING AT A NON-PAGE BOUNDARY
1
Write command initiated at byte 0 of page 3 in the array;
First data byte is loaded into the cache byte 0.
2 64 bytes of data are loaded into cache.
cache page 0
cache
byte 0
cache
byte 1
• • •
cache
byte 7
cache page 1
bytes 8-15
cache page 2
bytes 16-23
• • •
cache page 7
bytes 56-63
4
Remaining pages in cache are written
to sequential pages in array.
page 0 page 1 page 2 byte 0 byte 1
• • • byte 7 page 4 • • •
page 0 page 1 page 2
page 3
page 4
• • •
page 7
page 7
array row n
array row n + 1
3
Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
5 Last page in cache written to page 2 in next row.
1
Write command initiated; 64 bytes of data
loaded into cache starting at byte 2 of page 0.
cache
byte 0
cache
byte 1
• • •
cache
byte 7
cache page 1
bytes 8-15
cache page 2
bytes 16-23
• • •
cache page 7
bytes 56-63
page 0 page 1 page 2 byte 0 byte 1
page 4
• • •
page 0 page 1 page 2
page 3
page 4
• • •
page 7
page 7
4
Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
6 Last 3 pages in cache written to next row in array.
cache
byte 2
2
Last 2 bytes ‘roll ever’
to beginning.
3
5
Remaining bytes in cache
are written sequentially to
array.
Last 2 bytes
loaded into
page 0 of cache.
byte 2 byte 3 byte 4
• • • byte 7
array row n
array row n+1


Similar Part No. - 24FC32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC32-/L MICROCHIP-24FC32-/L Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32-/P MICROCHIP-24FC32-/P Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32-I/L MICROCHIP-24FC32-I/L Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32-I/P MICROCHIP-24FC32-I/P Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results

Similar Description - 24FC32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC65 MICROCHIP-24FC65 Datasheet
140Kb / 16P
   64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
   32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24C32 MICROCHIP-24C32_04 Datasheet
137Kb / 14P
   32K 5.0V I2C Smart Serial EEPROM
2004
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
   32K 5.0V I2C Smart Serial EEPROM
1996
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
   32K 1.8V I 2 C O Smart Serial EEPROM
1996
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com