Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C32A-SN Datasheet(PDF) 8 Page - Microchip Technology

Part # 24C32A-SN
Description  32K 5.0V I 2 C O Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32A-SN Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24C32A-SN Datasheet HTML 4Page - Microchip Technology 24C32A-SN Datasheet HTML 5Page - Microchip Technology 24C32A-SN Datasheet HTML 6Page - Microchip Technology 24C32A-SN Datasheet HTML 7Page - Microchip Technology 24C32A-SN Datasheet HTML 8Page - Microchip Technology 24C32A-SN Datasheet HTML 9Page - Microchip Technology 24C32A-SN Datasheet HTML 10Page - Microchip Technology 24C32A-SN Datasheet HTML 11Page - Microchip Technology 24C32A-SN Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
24C32A
DS21163B-page 8
Preliminary
© 1996 Microchip Technology Inc.
6.3
Contiguous Addressing Across
Multiple Devices
The device select bits A2, A1, A0 can be used to
expand the contiguous address space for up to 256K
bits by adding up to eight 24C32A's on the same bus.
In this case, software can use A0 of the control byte as
address bit A12, A1 as address bit A13, and A2 as
address bit A14.
6.4
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the 24C32A transmits the
first data byte, the master issues an acknowledge as
opposed to the stop condition used in a random read.
This acknowledge directs the 24C32A to transmit the
next sequentially addressed 8-bit word (Figure 6-3).
Following the final byte transmitted to the master, the
master will NOT generate an acknowledge but will gen-
erate a stop condition.
To provide sequential reads the 24C32A contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation. The internal address pointer will
automatically roll over from address 0FFF to address
000 if the master acknowledges the byte received from
the array address 0FFF.
FIGURE 6-2:
RANDOM READ
FIGURE 6-3:
SEQUENTIAL READ
0000
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
S
T
O
P
A
C
K
N
O
A
C
K
BYTE
ADDRESS
HIGH BYTE
ADDRESS
LOW BYTE
CONTROL
BYTE
DATA
BYTE
A
C
K
A
C
K
A
C
K
S
T
A
R
T
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
DATA n
DATA n + 1
DATA n + 2
DATA n + x
S
T
O
P


Similar Part No. - 24C32A-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32A-/P MICROCHIP-24C32A-/P Datasheet
124Kb / 12P
   32K 5.0V I2CSerial EEPROM
2004
24C32A-/SM MICROCHIP-24C32A-/SM Datasheet
124Kb / 12P
   32K 5.0V I2CSerial EEPROM
2004
24C32A-/SN MICROCHIP-24C32A-/SN Datasheet
124Kb / 12P
   32K 5.0V I2CSerial EEPROM
2004
24C32A-E/P MICROCHIP-24C32A-E/P Datasheet
124Kb / 12P
   32K 5.0V I2CSerial EEPROM
2004
24C32A-E/SM MICROCHIP-24C32A-E/SM Datasheet
124Kb / 12P
   32K 5.0V I2CSerial EEPROM
2004
More results

Similar Description - 24C32A-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
   32K 1.8V I 2 C O Serial EEPROM
2010
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
   32K 1.8V I 2 C O Smart Serial EEPROM
1996
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
   4K 5.0V I 2 C ??Serial EEPROM
2004
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com